Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D16HT3TB Datasheet(PDF) 1 Page - Speco Technologies.

Part # D16HT3TB
Description  HT Full Hybrid Video Recorder with Looping Outputs and Real-Time Recording
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECO [Speco Technologies.]
Direct Link  https://www.specotech.com/
Logo SPECO - Speco Technologies.

D16HT3TB Datasheet(HTML) 1 Page - Speco Technologies.

  D16HT3TB Datasheet HTML 1Page - Speco Technologies. D16HT3TB Datasheet HTML 2Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
D8HT
8 Channel IP, HD-TVI & Analog Full Hybrid Video Recorde
r
D16HT
16 Channel IP, HD-TVI & Analog Full Hybrid Video Recorder
EZ Wizards - For ease of use and setup
Camera: quickly discover and install all Speco IP cameras
Setup: for quick setup of general settings
Network: network setup and port forwarding
Record: quickly setup recording resolutions and recording type
Search: quickly search for events from thumbnails
Copy: quickly copy what you are playing onto a USB flash drive
•Video Out: 1 HDMI®, 1 VGA, 1 CVBS / Spot
•2MP support for HD-TVI
•Real-time recording rate at 30fps/channel on IP / HD-TVI / Analog
•Up to 5MP IP camera resolution on all channels
•1080p@30fps on HD-TVI channels
•Each channel is configurable for either IP / HD-TVI / analog
•Dual network ports for isolating IP camera network and remote
network traffic
•H.264 video compression
•Cloud upload for events via Google Drive
•Networkable full hybrid DVR with free Speco DDNS server
•Backwards compatible with all analog cameras
•User Access: up to 12 concurrent users
•UTC function allows for zoom/focus and OSD control over coax
•Digital Deterrent® for triggering audio message via motion detection
or sensor
•5 year warranty2
HT Full Hybrid Video Recorder with Looping
Outputs and Real-Time Recording
Front panel
Rear panel
D8HT shown
Key Features
YEAR
ARRANT
Optional Accessories
ERS1V
Vented Rack Shelf
IRRPTKIT
IR Repeater Kit
POE8SW9
8 PoE Port 10/100
802.3af/ at Switches
POE16SW18
16 PoE Port 10/100
802.3af/ at Switches
POESW6
4 PoE Port 10/100
802.3af/ at Switches
1
To preserve signal quality and distance, Speco Technologies recommends using coax with a 100% copper center conductor and at least 95% braided copper shield. 2Effective on all new purchases as of 2/1/17.
Hard drives excluded. iPhone is a trademark of Apple Inc., registered in the U.S. and other countries. Android is a trademark of Google Inc. The terms HDMI and HDMI High-Definition Multimedia Interface, and the
HDMI Logo are trademarks or registered trademarks of HDMI Licensing LLC in the United States and other countries. Speco Technologies is constantly developing and improving products. We reserve the right to
modify product design and specifications without notice and without incurring any obligation. Spec Rev. 12/17/20
STORAGE
1TB - 12TB
D8HT1TB
D8HT6TB
D16HT2TB
D16HT6TB
D8HT2TB
D8HT8TB
D16HT3TB
D16HT8TB
D8HT3TB
D8HT9TB
D16HT4TB
D16HT9TB
D8HT4TB
D8HT12TB
D16HT12TB
•Instant playback allows for playback of 1 channel while the rest stays in Live mode
•Plug & play feature with Speco’s OnSIP/VIP/ZIP cameras
•Signal distance up to 1600 feet1
•Mass alert notification via Twitter
•Smart (Museum) Search - Quickly search for a specific video event without the
need for motion setup.
•2-way audio communication via local and IP camera audio service
•Programmable recording on motion detection, sensor, schedule, continuous
and manual
•Supports wireless access point for viewing and configuration
•HTTPS – support for third party SSL certificates.
•Built-in S.M.A.R.T. Technology (Self-Monitoring, Analysis and Reporting
Technology for HDD)
•Switch between low and high quality stream for IP cameras during simultaneous
Continuous + Motion or Continuous + Sensor recording modes for storage
optimization
•Easy firmware upgrade by USB port or network
•Remote monitoring / recording / playback / configuration / software upgrades
and PTZ control via internet
•Network software supports Static IP, DHCP and DDNS
•Network accessible via SpecoTech Multi-Client Software, SecureGuard® VMS,
Internet Explorer Web-Viewer and Speco Player Mobile Viewer
•PC and MAC® compatible
•IR remote control & mouse included
•Rack mountable (hardware included)
Additional Features


Similar Part No. - D16HT3TB

ManufacturerPart #DatasheetDescription
logo
Speco Technologies.
D16HU SPECO-D16HU Datasheet
1Mb / 2P
HU 4K IP & 4K HD-TVI Hybrid Video Recorder
4/25/22
D16HU12TB SPECO-D16HU12TB Datasheet
1Mb / 2P
HU 4K IP & 4K HD-TVI Hybrid Video Recorder
4/25/22
D16HU16TB SPECO-D16HU16TB Datasheet
1Mb / 2P
HU 4K IP & 4K HD-TVI Hybrid Video Recorder
4/25/22
D16HU20TB SPECO-D16HU20TB Datasheet
1Mb / 2P
HU 4K IP & 4K HD-TVI Hybrid Video Recorder
4/25/22
D16HU24TB SPECO-D16HU24TB Datasheet
1Mb / 2P
HU 4K IP & 4K HD-TVI Hybrid Video Recorder
4/25/22
More results

Similar Description - D16HT3TB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
logo
Panasonic Semiconductor
AG-TL500 PANASONIC-AG-TL500 Datasheet
102Kb / 1P
VHS Time-Lapse Video Cassette Recorder
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Maxim Integrated Produc...
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
Real-Time Event Recorder
100405
logo
Rohm
BU1572GUW ROHM-BU1572GUW Datasheet
431Kb / 13P
Real Time Video Processor ICs
BU1574GUW ROHM-BU1574GUW Datasheet
334Kb / 13P
Real Time Video Processor IC
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Level One
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
Network Video Recorder
logo
Cirrus Logic
EP7312-90 APEX-EP7312-90 Datasheet
549Kb / 4P
Allows Faster than Real-Time Recording
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com