Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFDP503 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # TFDP503
Description  PROFINET C5E 22STR SF/UTP PLTC HF TPE GRN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

TFDP503 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  TFDP503 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.XX = .02 [.51]
UNLESS OTHERWISE SPECIFIED,
>300[7620] = +5% / -0%
.XXX = .005 [.13]
.X = .2 [5.08]
IS PROHIBITED.
REVISIONS
REV
TELECOM/MODULAR
A
DATE
REV A DRAWING RELEASED
DGUTTADAUR
DESCRIPTION
APPROVAL
43321
FSCM NO.
ALL OTHER DIMENSIONAL TOLERANCES:
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR
MAY VARY
PROFINET C5E 22STR SF/UTP PLTC HF TPE GRN
PRODUCT DESCRIPTION
A
CATEGORY
10/28/2019
10/28/2019
>120[3048] - 300[7620] = +6 [152] / -0
10/24/2019
1
TFDP503.SLDDRW
TFDP503
APPROVED BY
CHECKED BY
DRAWN BY
APPROVALS
DATE
REV.
OF
SHEET
A
DWG. NO.
CAD FILE:
SIZE
WHOLE WITHOUT THE WRITTEN PERMISSION OF L-COM, INC.
N/A
CONFIGURATION DETAILS OF
DGUTTADAURO
1
PROJECTION
01845
DFRISIELLO
UNDIMENSIONED FEATURES
SCALE:
10/28/2019
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
50 HIGH STREET
NORTH ANDOVER, MA
DGUTTADAURO
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / - 0
>12 [305] - 60 [1524] = +2 [51] / -0
>60 [1524] - 120 [3048] = +4 [102] / -0
COLOR VARIATIONS
MAY OCCUR
NOTES:
1.CONSTRUCTION:
NOM. DIA.
CONDUCTOR: 22 AWG 7/30 STRANDED TINNED COPPER
.030"
INSULATION: HIGH DENSITY POLYETHYLENE, .018'' NOM. WALL THICKNESS
.066"+/- .001"
CABLE: (4) COLOR CODED WIRES CABLED TOGETHER WITH A PVC ROD FILL (.027"+/-.005")
AND WRAPPED WITH A FOAM POLYPROLENE TAPE TO FORM A CABLE CORE.
.160"
SHIELD: AN OVERALL SHIELD OF 38AWG TINNED COPPER BRAID (80% MIN. COVERAGE),
SHALL BE APPLIED OVER THE CABLE CORE. A SECOND SHIELD OF AN OVERALL
ALUMINIZED POLYESTER FOIL SHIELD (FOIL IN, 100% COVERAGE) SHALL BE APPLIED
OVER THE BRAID.
JACKET: THERMOPLASTIC ELASTOMER, GREEN (CR# 70) .035" NOM. WALL THICKNESS
(PRESSURE)
OVERALL CABLE DIAMETER
.250"
2.PHYSICAL PROPERTIES:
TEMPERATURE RATING, MAX.
75°C & 80 C
TEMPERATURE RATING, MIN. (STATIC)
-40°C
WT./M', NOM., NET.
39.0 LBS.
JACKET IS WELD SPATTER RESISTANT, JACKET IS CUTTING/MACHINING OIL RESISTANT, JACKET IS SUNLIGHT RESISTANT
FLEX LIFE (PENDING)
(126 CYCLES/MIN, @20 C)
1 MILLION CYCLE TEST (10X CABLE O.D., MINIMUM RADIUS)
10 MILLION CYCLE TEST (20X CABLE O.D., MINIMUM RADIUS)
3.AGENCY APPROVALS:
NEC (UL) TYPE PLTC
NEC (UL) TYPE CL3
UL AWM 2463
4.APPLICATION:
PATCH CABLE FOR PROINET TYPE B AND C AND ETHERNET/IP CAT 5e APPLICATIONS. MEETS EU DIRECTIVE 2011/65/EU (RoHS II)
5.PRINT: (BLACK INK )
QUABBIN DATAMAX INDUSTRIAL PROFINET TYPE B AND C CAT 5E SHIELDED P/N 5094 -- (UL) TYPE PLTC OR CL3 4C 22AWG
SF/QUAD 75C SUNLIGHT RESISTANT OIL RES I & II OR AWM 2463 80C 600V -- CE RoHS -- (LOT DESIGNATOR) (SEQUENTIAL
FOOTAGE)
6. ELECTRICAL CHARACTERISTICS: (FOR 100m OF CABLE)
POE COMPLIANT (802.3 af) TO 100 METERS WHEN INSTALLED PER RECOMMENDATIONS IN TIA-184. CABLE WILL MEET CAT 5e
CHANNEL REQUIREMENTS TO 100 METER LENGTH.
CAPACITANCE, MUTUAL, MAX.
5.6 nF/100m AT 1 kHz @20 C
DIELECTRIC WITHSTANDING, MIN.
2000V RMS
VOLTAGE RATING, MAX.
600V
D.C. RESISTANCE, MAX. (GRP I &GRP II)
17.5 OHM/1000' @20 C
IMPEDANCE
100 +/- 15 Ω, 1 ≤ f ≤ 100 MHz
RETURN LOSS:
1 ≤ ƒ < 10 MHz
20 + 5 LOG (ƒ) dB MIN
10 ≤ ƒ < 20 MHz
25dB MIN
20 ≤ ƒ < 100 MHz
25- 8.6 LOG(ƒ/20) dB MIN
7.PACKAGING:
CROSS-SECTIONAL VIEW
COLOR CODE:
1) WHITE
2) BLUE
3) YELLOW
4) ORANGE
PART NUMBER
PACKAGING
TFDP503-100
COIL
TFDP503-500
SPOOL
TFDP503-1000
SPOOL
NOTES:
1.CONSTRUCTION:
NOM. DIA.
CONDUCTOR: 22 AWG 7/30 STRANDED TINNED COPPER
.030"
INSULATION: HIGH DENSITY POLYETHYLENE, .018'' NOM. WALL THICKNESS
.066"+/- .001"
CABLE: (4) COLOR CODED WIRES CABLED TOGETHER WITH A PVC ROD FILL (.027"+/-.005")
AND WRAPPED WITH A FOAM POLYPROLENE TAPE TO FORM A CABLE CORE.
.160"
SHIELD: AN OVERALL SHIELD OF 38AWG TINNED COPPER BRAID (80% MIN. COVERAGE),
SHALL BE APPLIED OVER THE CABLE CORE. A SECOND SHIELD OF AN OVERALL
ALUMINIZED POLYESTER FOIL SHIELD (FOIL IN, 100% COVERAGE) SHALL BE APPLIED
OVER THE BRAID.
JACKET: THERMOPLASTIC ELASTOMER, GREEN (CR# 70) .035" NOM. WALL THICKNESS
(PRESSURE)
OVERALL CABLE DIAMETER
.250"
2.PHYSICAL PROPERTIES:
TEMPERATURE RATING, MAX.
75°C & 80 C
TEMPERATURE RATING, MIN. (STATIC)
-40°C
WT./M', NOM., NET.
39.0 LBS.
JACKET IS WELD SPATTER RESISTANT, JACKET IS CUTTING/MACHINING OIL RESISTANT, JACKET IS SUNLIGHT RESISTANT
FLEX LIFE (PENDING)
(126 CYCLES/MIN, @20 C)
1 MILLION CYCLE TEST (10X CABLE O.D., MINIMUM RADIUS)
10 MILLION CYCLE TEST (20X CABLE O.D., MINIMUM RADIUS)
3.AGENCY APPROVALS:
NEC (UL) TYPE PLTC
NEC (UL) TYPE CL3
UL AWM 2463
4.APPLICATION:
PATCH CABLE FOR PROINET TYPE B AND C AND ETHERNET/IP CAT 5e APPLICATIONS. MEETS EU DIRECTIVE 2011/65/EU (RoHS II)
5.PRINT: (BLACK INK )
QUABBIN DATAMAX INDUSTRIAL PROFINET TYPE B AND C CAT 5E SHIELDED P/N 5094 -- (UL) TYPE PLTC OR CL3 4C 22AWG
SF/QUAD 75C SUNLIGHT RESISTANT OIL RES I & II OR AWM 2463 80C 600V -- CE RoHS -- (LOT DESIGNATOR) (SEQUENTIAL
FOOTAGE)
6. ELECTRICAL CHARACTERISTICS: (FOR 100m OF CABLE)
POE COMPLIANT (802.3 af) TO 100 METERS WHEN INSTALLED PER RECOMMENDATIONS IN TIA-184. CABLE WILL MEET CAT 5e
CHANNEL REQUIREMENTS TO 100 METER LENGTH.
CAPACITANCE, MUTUAL, MAX.
5.6 nF/100m AT 1 kHz @20 C
DIELECTRIC WITHSTANDING, MIN.
2000V RMS
VOLTAGE RATING, MAX.
600V
D.C. RESISTANCE, MAX. (GRP I &GRP II)
17.5 OHM/1000' @20 C
IMPEDANCE
100 +/- 15 Ω, 1 ≤ f ≤ 100 MHz
RETURN LOSS:
1 ≤ ƒ < 10 MHz
20 + 5 LOG (ƒ) dB MIN
10 ≤ ƒ < 20 MHz
25dB MIN
20 ≤ ƒ < 100 MHz
25- 8.6 LOG(ƒ/20) dB MIN
7.PACKAGING:
CONDUCTOR
YEL
BLU
BRAID
WHT
JACKET
ORG
FILLER
FOAM TAPE
PVC ROD
INSULATED
FOIL SHIELD


Similar Part No. - TFDP503

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TFD085N03M TUOFENG-TFD085N03M Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Jul.2021 V1.0
TFD120N02 TUOFENG-TFD120N02 Datasheet
3Mb / 5P
DFN-2x3-6L Plastic-Encapsulate MOSFETS
Jun 2022 V1.0
TFD130N04N TUOFENG-TFD130N04N Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2021 V1.0
TFD130N04S TUOFENG-TFD130N04S Datasheet
3Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2021 V1.0
TFD150N04M TUOFENG-TFD150N04M Datasheet
3Mb / 6P
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
Oct 2021V1.0
More results

Similar Description - TFDP503

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0270P E-SWITCH-XF0270P Datasheet
37Kb / 1P
L16 PL R10 K GRN GRN
XF0521P E-SWITCH-XF0521P Datasheet
32Kb / 1P
LAP PLV10 H GRN GRN (TRANSPARENT LENS)
logo
Belden Inc.
72001PU BELDEN-72001PU Datasheet
160Kb / 2P
DataTuff® 5E, 2PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
72002PU BELDEN-72002PU Datasheet
148Kb / 2P
DataTuff® 5E, 2PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74001PU BELDEN-74001PU Datasheet
169Kb / 2P
DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74002PU BELDEN-74002PU Datasheet
169Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74003PU BELDEN-74003PU Datasheet
170Kb / 3P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, 2M flex Trailing
2022 Belden, Inc
74009PU BELDEN-74009PU Datasheet
167Kb / 2P
DataTuff® 5E, 4PR #26 Str BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
logo
List of Unclassifed Man...
TRA5261-1F ETC1-TRA5261-1F Datasheet
57Kb / 1P
C5e SF/UTP 26STR FEP BLU 150°
2020
TRD824HFO-BLK ETC1-TRD824HFO-BLK Datasheet
68Kb / 1P
RJ45 C5e SF/UTP 24STR HF TPE BLK
2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com