Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75NF20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 75NF20
Description  N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

75NF20 Datasheet(HTML) 1 Page - STMicroelectronics

  75NF20 Datasheet HTML 1Page - STMicroelectronics 75NF20 Datasheet HTML 2Page - STMicroelectronics 75NF20 Datasheet HTML 3Page - STMicroelectronics 75NF20 Datasheet HTML 4Page - STMicroelectronics 75NF20 Datasheet HTML 5Page - STMicroelectronics 75NF20 Datasheet HTML 6Page - STMicroelectronics 75NF20 Datasheet HTML 7Page - STMicroelectronics 75NF20 Datasheet HTML 8Page - STMicroelectronics 75NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2007
Rev 2
1/16
16
STB75NF20
STP75NF20 - STW75NF20
N-channel 200V - 0.028
Ω - 75A - D2PAK - TO-220 - TO-247
Low gate charge STripFET™ Power MOSFET
General features
■ Exceptional dv/dt capability
■ Low gate charge
■ 100% Avalanche tested
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB75NF20
200V
<0.034
Ω
75A
STP75NF20
200V
<0.034
Ω
75A
STW75NF20
200V
<0.034
Ω
75A
1
3
1
2
3
D²PAK
TO-247
TO-220
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB75NF20
75NF20
D²PAK
Tape & reel
STP75NF20
75NF20
TO-220
Tube
STW75NF20
75NF20
TO-247
Tube


Similar Part No. - 75NF20

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
75NF68 VBSEMI-75NF68 Datasheet
1Mb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Estek Electronics Co. L...
75NF75 ESTEK-75NF75 Datasheet
231Kb / 2P
HEXFET짰 POWER MOSFET
logo
Inchange Semiconductor ...
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
logo
KIA Semiconductor Techn...
75NF75 KIA-75NF75 Datasheet
470Kb / 7P
80A竊?0V N-CHANNEL MOSFET
More results

Similar Description - 75NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
17-Apr-2007
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
N-channel 250V - 0.055Ω - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
14-Nov-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
STP75N15 STMICROELECTRONICS-STP75N15 Datasheet
237Kb / 10P
N-CHANNEL 150V - 0.02Ω - 75A TO-220/D²PAK/TO-247 LOW GATE CHARGE STripFET™ MOSFET
08-Nov-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com