Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75NF20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 75NF20
Description  N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

75NF20 Datasheet(HTML) 3 Page - STMicroelectronics

  75NF20 Datasheet HTML 1Page - STMicroelectronics 75NF20 Datasheet HTML 2Page - STMicroelectronics 75NF20 Datasheet HTML 3Page - STMicroelectronics 75NF20 Datasheet HTML 4Page - STMicroelectronics 75NF20 Datasheet HTML 5Page - STMicroelectronics 75NF20 Datasheet HTML 6Page - STMicroelectronics 75NF20 Datasheet HTML 7Page - STMicroelectronics 75NF20 Datasheet HTML 8Page - STMicroelectronics 75NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB75NF20 - STP75NF20 - STW75NF20
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
200
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
75
A
ID
Drain current (continuous) at TC = 100°C
47
A
IDM
(1)
1.
ISD < 75A, di/dt < 400A/µs, VDD < 160
Drain current (pulsed)
300
A
Derating factor
1.52
W/°C
dv/dt
Peak diode recovery voltage slope
15
V/ns
PTOT
Total dissipation at TC = 25°C
190
W
TJ
Tstg
Operating junction temperature
Storage temperture
-50 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220/D²PAK
TO-247
RthJC
Thermal resistance junction-case max
0.66
°C/W
RthJ-pcb
(1)
1.
When mounted on inch²FR-4 board (t < 10µs)
Thermal resistance junction-pcb max
34
--
°C/W
RthJA
Thermal resistance junction-ambient max
62.5
40
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ max)
37
A
EAS
Single pulse avalanche energy
(starting TJ= 25°C, Id= Iar, Vdd=50V)
205
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com