Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USP2FDB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USP2FDB
Description  USP SUB-PNL/2 "F" F-F INSL BLK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USP2FDB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USP2FDB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X 2.200
55.88
2.68
68.07
2X 2.760
70.10
3.23
82.04
CL
CL
2X INSULATED F-TYPE ADAPTORS
4X #6-32 UNC-2B
THRU
.83
20.98
.06
1.52
NOTES:
1. MATERIAL: .06" [1.52] THK COLD ROLLED STEEL
2. FINISH: FLAT BLACK POWDER COAT
3. KIT CONTAINS 4 #6-32 PAN HEAD SCREWS. (NOT INSTALLED IN PANEL)
4. KIT INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
B
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
USP2FDB
B
USP2FDB.SLDDRW
1
1
M.SEDLESKI
08/08/2011
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
MMARTINEZ
08/08/2011
08/09/2011
A
B
INITIAL RELEASE
ECN 9549 REMOVED CENTER HOLE FROM PLATE
12/10/2018
D.CASTRO
BPUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
USP SUB-PNL/2 "F" F-F INSL BLK
SUB PANEL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.CASTRO
COLOR VARIATIONS
MAY OCCUR
08/05/2011
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - USP2FDB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP2-35MM L-COM-USP2-35MM Datasheet
53Kb / 1P
USP SUB PANEL, 2 AUDIO JACK 3.5 mm
04/25/2007
USP21-4 L-COM-USP21-4 Datasheet
53Kb / 1P
USP SUB PANEL, W/2 1/4" STEREO FEMALE AUDIO JACK
4/4/07
logo
Astrodyne Corporation
USP225 ASTRODYNE-USP225 Datasheet
237Kb / 2P
225W Single Output with PFC Function
USP225-12 ASTRODYNE-USP225-12 Datasheet
237Kb / 2P
225W Single Output with PFC Function
USP225-12 ASTRODYNE-USP225-12 Datasheet
344Kb / 4P
225W Single Output with PFC Function
More results

Similar Description - USP2FDB

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC,F-F
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD799-3 WINCHESTER-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
SD1209-13 WINCHESTER-SD1209-13 Datasheet
61Kb / 1P
ADAPTER, F-F, N
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKN-99-14 WINCHESTER-SDKN-99-14 Datasheet
58Kb / 1P
ADAPTER, PNL, F-F, N
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com