Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND30PNET Datasheet(PDF) 1 Page - LUMEL S.A.

Part # ND30PNET
Description  METER OF POWER NETWORK PARAMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ND30PNET Datasheet(HTML) 1 Page - LUMEL S.A.

  ND30PNET Datasheet HTML 1Page - LUMEL S.A. ND30PNET Datasheet HTML 2Page - LUMEL S.A. ND30PNET Datasheet HTML 3Page - LUMEL S.A. ND30PNET Datasheet HTML 4Page - LUMEL S.A. ND30PNET Datasheet HTML 5Page - LUMEL S.A. ND30PNET Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.lumel.com.pl
1
EXAMPLE OF APPLICATION
ND30PNET
- METER OF POWER NETWORK PARAMETERS
WITH
PROFINET
• Measurement of 54 power network parameters, including current and voltage harmonics
up to 63rd, in 1-phase 2-wire or 3-phase 3 or 4-wire balanced and unbalanced systems.
• High accuracy class (0.2S for active energy).
• Graphical color display: LCD TFT 3,5’’, 320 x 240 pixels, fully configurable by a user
(10 vies, 8 parameters in each).
• Additional 2 pages for harmonics presentation and 1 dedicated page for visualization
in
the form of an analog meter.
• Indications include the values of programmed ratios.
• Memory of minimum and maximum values.
• 2 configurable alarm outputs.
• Optional: analog output 0/4...20 mA and 2 PT 100 inputs (eg. for measurement
of transformer temperature), 2 galvanically isolated binary inputs 0/5...24V d.c.
• Archiving of up to 32 measured parameters in the internal memory 8 GB (option).
• Digital output RS-485 - MODBUS protocol.
• Modern and user-friendly Ethernet/Profinet (version 2.2.) interface.
• Programming of parameters using free eCon software.
• Battery backup RTC.
• Overall dimensions: 96 x 96 x 77 mm.
• mean phase-to-phase voltage: U
mf
• mean 3-phase current: I
S
• 15, 30, 60 minutes’mean active power: P
demand
• mean apparent power S
demand
• average current I
demand
• active, reactive and apparent 3-phase energy: EnP, EnQ, EnS
• active,reactiveandapparentenergyfromexternalcounter:EnPE
• total harmonic content coefficients for phase voltages
and currents THD
U1, THDU2, THDU3, THDI1, THDI2, THDI3
and for 3-phase voltages and currents THD
U, THDI
• harmonics for current and phase voltage up to 63rd!
• temperature (2 x Pt100 input)
• phase voltages: U
1, U2, U3
• phase-to-phase voltages: U
12, U23, U31
• phase currents I
1, I2, I3
• active phase powers: P
1, P2, P3
• reactive phase powers: Q
1, Q2, Q3
• apparent phase powers: S
1, S2, S3
• active power factors: PF
1, PF2, PF3
• reactive/active power factors: tg
j
1, tgj2, tgj3
• active, reactive and apparent 3-phase power: P, Q, S
• mean 3-phase power factors: PF, tg
j
• frequency f
• mean 3-phase voltage: U
S
MEASUREMENT AND VISUALIZATION OF POWER NETWORK PARAMETERS
0/4...20
A
m
1x
2x
RS-485 Modbus
Pt100
Pt100
T
1
T
2
SP1
SP2
->
Piec
Termopara K
Alarm
Alarm
Start/Stop
PLC
SCADA
LUMEL
PROCESS
L E
C T R I C
S A F E T Y
CAT III


Similar Part No. - ND30PNET

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
ND30 LUMEL-ND30 Datasheet
4Mb / 8P
METER OF POWER NETWORK PARAMETERS
logo
NEC
ND3000 NEC-ND3000 Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
ND3048 NEC-ND3048 Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
ND3048A NEC-ND3048A Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
ND3048B NEC-ND3048B Datasheet
64Kb / 2P
S TO K-BAND GaAs VARACTOR DIODE
More results

Similar Description - ND30PNET

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
Extensive Characterization of Recovery Parameters
logo
STMicroelectronics
STL128D STMICROELECTRONICS-STL128D Datasheet
631Kb / 12P
Low spread of dynamic parameters
27-Jun-2011
logo
ASM GmbH
PW3335 ASM-SENSOR-PW3335 Datasheet
1,004Kb / 12P
POWER METER
logo
COREBAI Microelectronic...
CBM94AD67 COREBAI-CBM94AD67 Datasheet
1Mb / 13P
Product parameters
logo
B&K Precision Corporati...
5335B BK-5335B Datasheet
1Mb / 6P
Power Meter
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
ITECH ELECTRONIC CO.,LT...
IT9121E ITECH-IT9121E Datasheet
1Mb / 4P
Power Meter
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
Power Meter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com