Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ND30PNET Datasheet(PDF) 2 Page - LUMEL S.A.

Part # ND30PNET
Description  METER OF POWER NETWORK PARAMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ND30PNET Datasheet(HTML) 2 Page - LUMEL S.A.

  ND30PNET Datasheet HTML 1Page - LUMEL S.A. ND30PNET Datasheet HTML 2Page - LUMEL S.A. ND30PNET Datasheet HTML 3Page - LUMEL S.A. ND30PNET Datasheet HTML 4Page - LUMEL S.A. ND30PNET Datasheet HTML 5Page - LUMEL S.A. ND30PNET Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.lumel.com.pl
2
DIGITAL INTERFACE
Interface type
Transmission protocol
Remarks
RS-485
Modbus RTU 8N2,8E1,8O1,8N1
Address 1..247
baud rate: 4.8, 9.6, 19.2 38.4, 57.6, 115.2 kbit/s
Ethernet / Profinet
ICMP (Ping) / Profinet version 2.2
TECHNICAL DATA
ND30PNET - METEROFPOWERNETWORKPARAMETERSWITHPROFINET
MEASURING RANGE
Measured value
Measuring range
L1
L2
L3
Σ
Class
Current 1/5 A
1 A~
5 A~
0.002 ..0.100..1.200 A
0.010 ..0.500.. 6.000 A
...100.00 kA (tr_I≠1)
•
•
•
0.2 (EN 61557-12)
Voltage L-N 57.7 V~
110 V~
230 V~
400 V~
5.700..11.500 ..70.000 V
11.000..22.000 ..132.00 V
23.000..46.000 .. 276.00 V
40.000..80.000 .. 480.00 V
...1920.0 kV
•
•
•
0.2 (EN 61557-12)
Voltage L-L 100 V~
190 V~
400 V~
690 V~
10.000 ..20.000..120.00 V
19.000 ..38.000..228.00 V
40.000..80.00 .. 480.00 V
69.000..138.00 .. 830.00 V
...1999.0 kV (tr_U≠1)
•
•
•
0.5 (EN 61557-12)
Active power P
-19999 MW .. 0,000 W ..
..19999 MW (tr_U≠1,tr_I≠1)
•
•
•
•
0.5 (EN 61557-12)
Reactive power Q
-19999 MVar .. 0,000 Var ..
..19999 MVar (tr_U≠1,tr_I≠1)
•
•
•
•
1 (EN 61557-12)
Apparent power S
0.000 .. 1999,9 VA ..
..19999 MVA (tr_U≠1,tr_I≠1)
•
•
•
•
0.5 (EN 61557-12)
Active energy EnP
(imported or exported)
0.000..99999999.999kWh
•
0.2S (EN 62053-22)
Reactive energy EnQ
(inductive or capacitive)
0.000 .. 99 999 999.999 kVarh
•
1 (EN 61557-12)
Apparent energy EnS
0.000 .. 99 999 999.999 kVAh
•
0.5 (EN 61557-12)
Active power factor PF
-1.00 ..0 ..1.00
•
•
•
•
1 (EN 61557-12)
Coefficient tg
(ratio of reactive power to active power)
-999.99...-1.20 .. 0 .. 1.20...999.99
•
•
•
•
1
Frequency f
45.00...65.00...100.00 Hz
•
0.1 (EN 61557-12)
Total harmonic distortion
of voltage THDU and current THDI
0.0 ..100.0 %
•
•
•
•
5 (EN 61557-12)
Amplitudes of the voltage U
h2...Uh51,
and current I
h2 … Ih51
0.0 ..100.0 %
•
•
•
II (IEC61000-4-7)
tr_I - Current transformer ratio = Primary current of the transformer / Current of the current transformer,
tr_U - Transmission of voltage transformer = Primary voltage of the transformer / Secondary voltage of the voltage transformer
GALVANIC ISOLATION
FEATURES
RS
485
RTC
Password
protection
THD
RS
485
0/4..20
A
m
2x
Ethernet/
Profinet
RS
485
Zasilanie
RS
485
RS
485
Zasilanie
RS
485
Zasilanie
RS
485
Zasilanie
RS
485
Zasilanie
RS
485
Supply
Ethernet
Ethernet/
Profinet
analog
alarm
phaseL1
phaseL2
phaseL3
Pt100
2x
INPUTS
OUTPUTS
Ethernet/
Profinet
2x
ADDITIONAL INPUTS
Input type
Properties
Input Pt100 (T1, T2) - option
2 x Pt100, 2-wire, -50...400oC, basic error 0.5 %
Binary inputs - option
0 V d.c. – binary input inactive, 5...24 V d.c. – binary input active
AC
Pt100
2x
2x
Har
63



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com