Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP1504CB/RWC/Z Datasheet(PDF) 6 Page - Kingbright Corporation

Part # WP1504CB/RWC/Z
Description  T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR WHITE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1504CB/RWC/Z Datasheet(HTML) 6 Page - Kingbright Corporation

  WP1504CB/RWC/Z Datasheet HTML 1Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 2Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 3Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 4Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 5Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 6Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPEC NO: DSAH7947
REV NO: V.1
DATE: SEP/29/2007
PAGE: 6 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102009848
WP1504CB/RWC/Z
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com