Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WP1504CB/RWC/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP1504CB/RWC/Z
Description  T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR WHITE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1504CB/RWC/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  WP1504CB/RWC/Z Datasheet HTML 1Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 2Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 3Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 4Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 5Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 6Page - Kingbright Corporation WP1504CB/RWC/Z Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAH7947
REV NO: V.1
DATE: SEP/29/2007
PAGE: 1 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1102009848
Description
The source color devices are made with InGaN Light Emitting
Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Part Number: WP1504CB/RWC/Z
WHITE
Features
LOW POWER CONSUMPTION.
VERSATILE MOUNTING ON P.C. BOARD OR PANEL.
T-1 3/4 DIAMETER FLANGELESS PACKAGE.
RELIABLE AND RUGGED.
UL RATING : 94V-0.
HOUSING MATERIAL: TYPE 66 NYLON.
MOISTURE SENSITIVITY LEVEL : LEVEL 1.
ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V.
TYP. COLOR TEMPERATURE:6500K.
COLOR COORDINATES:X=0.31,Y=0.31 ACC. TO
CIE1931(WHITE).
OPTICAL EFFICIENCY: 32.8 lm/W(TYP.)
COLOR REPRODUCTION INDEX:80.
RoHS COMPLIANT.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
Applications
Furniture lighting
Outdoor displays
Optical indicators
Signal and symbol luminaire
Marker lights (e.g. steps, exit ways, etc.)
Lighting for special effects (e.g. starry sky)
Substitute for miniature flashlight
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR


Similar Part No. - WP1504CB/RWC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1504CB/RWC/A KINGBRIGHT-WP1504CB/RWC/A Datasheet
250Kb / 7P
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR White
More results

Similar Description - WP1504CB/RWC/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP59BL-GYW KINGBRIGHT-WP59BL-GYW Datasheet
297Kb / 5P
T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-EGW KINGBRIGHT-WP150A9VS-EGW Datasheet
301Kb / 5P
T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-EYW KINGBRIGHT-WP150A9VS-EYW Datasheet
301Kb / 5P
T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP1503CB-GD KINGBRIGHT-WP1503CB-GD Datasheet
247Kb / 4P
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1503CB-ID KINGBRIGHT-WP1503CB-ID Datasheet
247Kb / 4P
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1503CB-SRD KINGBRIGHT-WP1503CB-SRD Datasheet
247Kb / 4P
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1503CB-YD KINGBRIGHT-WP1503CB-YD Datasheet
247Kb / 4P
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR
WP1504CB-RWC-A KINGBRIGHT-WP1504CB-RWC-A Datasheet
250Kb / 7P
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATOR White
logo
LUMEX INC.
SSF-LXH100GD LUMEX-SSF-LXH100GD Datasheet
77Kb / 1P
T-5mm (T-1 3/4) LED, RIGHT ANGLE FAULT INDICATOR
SSF-LXH100YD LUMEX-SSF-LXH100YD Datasheet
79Kb / 1P
T-5mm (T-1 3/4) LED, RIGHT ANGLE FAULT INDICATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com