Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DELSS2-CC Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KW-DELSS2-CC
Description  OSTUNE® E1608
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DELSS2-CC Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KW-DELSS2-CC Datasheet HTML 3Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 4Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 5Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 6Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 7Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 8Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 9Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 10Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
KW DELSS2.CC
DATASHEET
DATASHEET
7 | Version 1.1 | 2022-07-28
Chromaticity Coordinate Groups
&[
&[
&\
&\
4C
4D
4E
5C
5D
5E
6C
6D
6E
4F
4G
5F
5G
6F
6G
7F
7G
8F
8G
4H
4I
5H
5I
6H
6I
7H
7I
8H
8I
9O
8O
7O
6O
5O
4O
9P
8P
7P
6P
5P
4P
9Q
8Q
7Q
6Q
5Q
4Q
9R
8R
7R
6R
5R
4R
9S
8S
7S
6S
5S
4S
9T
8T
7T
6T
5T
4T
9U
8U
7U
6U
5U
4U
9V
8V
7V
6V
5V
4V
9W
8W
7W
6W
5W
4W
9X
8X
7X
6X
5X
4X
8J
7J
6J
5J
4J
8K
7K
6K
5K
4K
8L
7L
6L
5L
4L
8M
7M
6M
5M
4M
8N
7N
6N
5N
4N
2700 K
3000 K
3500K
5000 K
6500 K
5700 K
4000K
4500 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com