Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DELSS2-CC Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KW-DELSS2-CC
Description  OSTUNE® E1608
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DELSS2-CC Datasheet(HTML) 2 Page - ams-OSRAM AG

  KW-DELSS2-CC Datasheet HTML 1Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 2Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 3Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 4Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 5Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 6Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 7Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 8Page - ams-OSRAM AG KW-DELSS2-CC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
KW DELSS2.CC
DATASHEET
DATASHEET
2 | Version 1.1 | 2022-07-28
OSTUNE® E1608
KW DELSS2.CC
OSTUNE® is ams OSRAM’ brand family for automotive quali-
fied LEDs offering superior light quality for ambient white illumi-
nation.
OSTUNE® allows excellent color rendering by using dedicat-
ed phosphors with high CRI from very cold white to very warm
white color temperatures.
Thanks to OSTUNE® E1608 customers benefit from high quali-
ty of white at a very small package size.
Applications
- Ambient Lighting
- Automotive Aftermarket
Features
- Package: white SMT package, colored diffused silicone resin
- Chip technology: EPI_Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.42, Cy = 0.39 acc. to CIE 1931 (● warm white)
- Qualifications: AEC-Q102 Qualified
- Color temperature: 2700K - 6500K
- CRI: 90 (min.)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Very small color and brightness bins
- Supports single and multi light point applications (matrix)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com