Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DPLS34-KD Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KW-DPLS34-KD
Description  SYNIOS® E4014
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS34-KD Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KW-DPLS34-KD Datasheet HTML 2Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 3Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 4Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 5Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 6Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 7Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 8Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 9Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
KW DPLS34.KD
DATASHEET
DATASHEET
6 | Version 1.4 | 2023-07-17
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 120 mA
I
F = 120 mA
I
F = 120 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
HJ
39.1 lm
41.0 lm
13.5 cd
HK
41.0 lm
43.0 lm
14.2 cd
HL
43.0 lm
45.0 lm
14.9 cd
JC
45.0 lm
47.1 lm
15.5 cd
JD
47.1 lm
49.3 lm
16.3 cd
JE
49.3 lm
51.6 lm
17.0 cd
JF
51.6 lm
54.0 lm
17.8 cd
JG
54.0 lm
56.5 lm
18.7 cd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 120 mA
I
F = 120 mA
min.
max.
V
F
V
F
22
2.80 V
2.90 V
42
2.90 V
3.00 V
62
3.00 V
3.10 V
82
3.10 V
3.20 V
A2
3.20 V
3.30 V
Wavelength Groups
Group
Peak Wavelength
Peak Wavelength
I
F = 120 mA
I
F = 120 mA
min.
max.
λ
peak
λ
peak
H
446 nm
448 nm
J
448 nm
450 nm
K
450 nm
452 nm
L
452 nm
454 nm
M
454 nm
456 nm
N
456 nm
458 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com