Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-DPLS34-KD Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KW-DPLS34-KD
Description  SYNIOS® E4014
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS34-KD Datasheet(HTML) 2 Page - ams-OSRAM AG

  KW-DPLS34-KD Datasheet HTML 1Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 2Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 3Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 4Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 5Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 6Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 7Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 8Page - ams-OSRAM AG KW-DPLS34-KD Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
KW DPLS34.KD
DATASHEET
DATASHEET
2 | Version 1.4 | 2023-07-17
SYNIOS® E4014
KW DPLS34.KD
The low-profile rectangular shape of SYNIOS E4014 enables
the light from this LED to be injected into light guides so that a
wide range of design ideas can be realized. These mid-power
light emitting diodes also have an impressively robust plastic
package, a particularly uniform distribution of light and an excel-
lent price performance ratio. The LEDs are intended primarily
for lighting systems in vehicles and displays.
Applications
- Display Backlighting
Features
- Package: colored silicone resin, SMD epoxy package
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.28, Cy = 0.25 acc. to CIE 1931 (● white)
- Optical efficacy: 135 lm/W
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com