Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-EELP41-RU Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KW-EELP41-RU
Description  SMARTLED™ 0603
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-EELP41-RU Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KW-EELP41-RU Datasheet HTML 3Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 4Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 5Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 6Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 7Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 8Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 9Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 10Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
KW EELP41.RU
DATASHEET
DATASHEET
7 | Version 1.2 | 2025-07-10
Chromaticity Coordinate Groups
OHA12327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.10.2
0.30.4
0.5
0.6
0.70.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
3K
4K
5K
6K
3L
4L
5L
6L
+
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
3K
0.2730
0.2270
0.2660
0.2320
0.2800
0.2520
0.2860
0.2440
3L
0.2660
0.2320
0.2580
0.2390
0.2730
0.2610
0.2800
0.2520
4K
0.2860
0.2440
0.2800
0.2520
0.2910
0.2680
0.2960
0.2590
Group
Cx
Cy
4L
0.2800
0.2520
0.2730
0.2610
0.2850
0.2790
0.2910
0.2680
5K
0.2960
0.2590
0.2910
0.2680
0.3100
0.2970
0.3130
0.2840
5L
0.2910
0.2680
0.2850
0.2790
0.3070
0.3120
0.3100
0.2970
Group
Cx
Cy
6K
0.3130
0.2840
0.3100
0.2970
0.3300
0.3300
0.3300
0.3100
6L
0.3100
0.2970
0.3070
0.3120
0.3300
0.3470
0.3300
0.3300
Group Name on Label
Example: S1-3K-3X
Brightness
Color Chromaticity
Forward Voltage
S1
3K
3X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com