Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-EELP41-RU Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KW-EELP41-RU
Description  SMARTLED™ 0603
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-EELP41-RU Datasheet(HTML) 2 Page - ams-OSRAM AG

  KW-EELP41-RU Datasheet HTML 1Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 2Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 3Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 4Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 5Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 6Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 7Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 8Page - ams-OSRAM AG KW-EELP41-RU Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
KW EELP41.RU
DATASHEET
DATASHEET
2 | Version 1.2 | 2025-07-10
SMARTLED™ 0603
KW EELP41.RU
The SMARTLED™ 0603 is the product of choice for status indi-
cation and symbol backlighting in electronics.
The small package size allows compact designs. The improved
corrosion robustness and increased junction temperature range
makes the devices from this series suitable for professional
industrial equipment and applications.
Applications
- Appliances & Tools
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Projection & Display
- Static Signaling
- Transportation
Features
- Package: SMT package 0603, colored diffused resin
- Chip technology: Volume emitter on Sapphire (AlInGaN)
- Typ. Radiation: 130° (horizontal = 0°), 150° (vertical = 90°)
- Color: Cx = 0.3, Cy = 0.29 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3B
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com