Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LR6
Description  Standardized LED Bulbs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR6 Datasheet(HTML) 1 Page - ams-OSRAM AG

  LR6 Datasheet HTML 1Page - ams-OSRAM AG LR6 Datasheet HTML 2Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ams-osram.com
XLS
eXchangable LED
LightSource
Covering all rear-combination-light
functions as well as front lighting
applications such as DRL, front
turn, front fog
Suitable for cost efficient reflector
solutions as well as design-driven
lightguide applications
Compliant with environmental and
electronics requirements of global
OEMs
Plug-and-play solution providing
better time-to-market and total-
cost-of-ownership positions than
customized solutions
Highest performance and quality
on the market due to COB
technology combined with OS LED
chips and highly automated
manufacturing process
Details:
XLS Applications
Rayfiles Link:
www.osram.com/rayfiles
CAD Link:
www.osram.com/cadfiles
Downloadable Files:
Standardized LED Bulbs
OSRAM’s exchangeable LED Light
Source (XLS) is a LED bulb, paving
the way for LED use in high volume
vehicle segments. XLS combines the
benefits of both exchangeable light
sources and LEDs to enable low total
cost position, design freedom, and
compact lamp production


Similar Part No. - LR6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
logo
PATLITE CORPORATION.
LR6-02L8NK PATLITE-LR6-02L8NK Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-02L8NW PATLITE-LR6-02L8NW Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-02MCNW PATLITE-LR6-02MCNW Datasheet
1Mb / 8P
Signal Tower
Rev. E
LR6-02MCNW-RYG PATLITE-LR6-02MCNW-RYG Datasheet
1Mb / 8P
Signal Tower
Rev. E
More results

Similar Description - LR6

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LL07 SEME-LAB-LL07 Datasheet
62Kb / 3P
MINIATURE FLUORESCENT BULBS
logo
Altech corporation
BA15DXXX ALTECH-BA15DXXX Datasheet
145Kb / 1P
30 mm Replacment Filament Bulbs
MCB15XXX ALTECH-MCB15XXX Datasheet
424Kb / 1P
30 mm Replacment LED Bulbs
MCB9XYYY ALTECH-MCB9XYYY Datasheet
340Kb / 1P
22 mm LED Bulbs MCB9xyyy
logo
NXP Semiconductors
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
STMicroelectronics
TN0897 STMICROELECTRONICS-TN0897 Datasheet
452Kb / 28P
The document describes a standardized SPI protocol
23-Sep-2013
HCF4069U STMICROELECTRONICS-HCF4069U Datasheet
307Kb / 11P
Standardized symmetrical output characteristics
10-Jan-2014
logo
Illinois Capacitor, Inc...
KXM ILLINOISCAPACITOR-KXM Datasheet
240Kb / 3P
Standardized case sizes - High ripple current ??Multiplecase sizes
logo
PHOENIX CONTACT
2701863 PHOENIX-2701863 Datasheet
64Kb / 5P
Standardized PRP redundancy function according to IEC 62439-3
logo
TDK Electronics
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
Connector type, Dimming, 7W, For 2 bulbs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com