Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4069U Datasheet (PDF) - STMicroelectronics

HCF4069U Datasheet PDF - STMicroelectronics
Part # HCF4069U
Download  HCF4069U Download
File Size   307.34 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standardized symmetrical output characteristics

HCF4069U Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4069U Datasheet PDF - STMicroelectronics

Part # HCF4069U
Download  HCF4069U Click to download

File Size   307.34 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standardized symmetrical output characteristics

HCF4069U Datasheet (HTML) - STMicroelectronics


HCF4069U Product details

Description
The HCF4069U is a monolithic integrated circuit fabricated in metal oxide semiconductor technology available in the SO14 package. The HCF4069U consists of six COS/MOS inverter circuits. This device is intended for all general purpose inverter applications where the medium power TTL-drive and logic level conversion capabilities of circuits such as HCF4049 hex inverter/buffers are not required.

Features
• Medium-speed operation
    tPD = 30 ns (typ.) at 10 V
• Standardized symmetrical output characteristics
• Quiescent current specified up to 20 V
• 5 V, 10 V, and 15 V parametric ratings
• Input leakage current II = 100 nA (max.) at VDD = 18 V and TA = 25 ° C
• 100 % tested for quiescent current
• ESD performance
    – HBM: 1 kV
    – MM: 200 V
    – CDM: 1 kV

Applications
• Automotive
• Industrial
• Computer
• Consumer




Similar Part No. - HCF4069U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4069UB STMICROELECTRONICS-HCF4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UB STMICROELECTRONICS-HCF4069UB Datasheet
143Kb / 7P
HEX INVERTER
Sep-2001
HCF4069UBC1 STMICROELECTRONICS-HCF4069UBC1 Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UBEY STMICROELECTRONICS-HCF4069UBEY Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UBEY STMICROELECTRONICS-HCF4069UBEY Datasheet
143Kb / 7P
HEX INVERTER
Sep-2001
More results


Similar Description - HCF4069U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECSSM23A10M ETC2-ECSSM23A10M Datasheet
64Kb / 2P
Timers Symmetrical Recycler
logo
NXP Semiconductors
HEF40175B NXP-HEF40175B_10 Datasheet
139Kb / 15P
Quad D-type flip-flop Standardized symmetrical output characteristics
Rev. 6-14 December 2010
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
Unisonic Technologies
U74AHC1G79G-AE5-R UTC-U74AHC1G79G-AE5-R Datasheet
196Kb / 5P
Symmetrical output impedance
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
SYMMETRICAL OUTPUT IMPEDANCE
Feb-2003
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
Symmetrical design
logo
PHOENIX CONTACT
2702497 PHOENIX-2702497 Datasheet
101Kb / 5P
The output values are depicted in standardized representation format.
logo
Schneider Electric
SSLM1A13BD SCHNEIDER-SSLM1A13BD Datasheet
189Kb / 2P
Symmetrical DIN rail
SSLM1D23BD SCHNEIDER-SSLM1D23BD Datasheet
186Kb / 2P
Symmetrical DIN rail
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
Symmetrical DIN rail
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com