Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4069U Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4069U
Description  Standardized symmetrical output characteristics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4069U Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4069U Datasheet HTML 3Page - STMicroelectronics HCF4069U Datasheet HTML 4Page - STMicroelectronics HCF4069U Datasheet HTML 5Page - STMicroelectronics HCF4069U Datasheet HTML 6Page - STMicroelectronics HCF4069U Datasheet HTML 7Page - STMicroelectronics HCF4069U Datasheet HTML 8Page - STMicroelectronics HCF4069U Datasheet HTML 9Page - STMicroelectronics HCF4069U Datasheet HTML 10Page - STMicroelectronics HCF4069U Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DocID2060 Rev 6
7/11
HCF4069U
Electrical characteristics
11
Figure 3. Test circuit
1. Legend: CL = 50 pF or equivalent (includes jig and probe capacitance), RL = 200 KΩ, RT = ZOUT of pulse
generator (typically 50
Ω)
Figure 4. Propagation delay time waveform (f = 1 MHz; 50 % duty cycle)
Table 7. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 kΩ, tr = tf = 20 ns)
Symbol
Parameter
Test condition
Value(1)
1. The typical temperature coefficient for all VDD values is 0.3 %/°C.
Unit
VDD (V)
Typ.
Max.
tPLH, tPHL
Propagation delay time
555
110
ns
10
30
60
15
25
50
tTLH, tTHL
Output transition time
5
100
200
10
50
100
15
40
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com