Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4069U Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4069U
Description  Standardized symmetrical output characteristics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4069U Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4069U Datasheet HTML 1Page - STMicroelectronics HCF4069U Datasheet HTML 2Page - STMicroelectronics HCF4069U Datasheet HTML 3Page - STMicroelectronics HCF4069U Datasheet HTML 4Page - STMicroelectronics HCF4069U Datasheet HTML 5Page - STMicroelectronics HCF4069U Datasheet HTML 6Page - STMicroelectronics HCF4069U Datasheet HTML 7Page - STMicroelectronics HCF4069U Datasheet HTML 8Page - STMicroelectronics HCF4069U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
January 2014
DocID2060 Rev 6
1/11
HCF4069U
Hex inverter
Datasheet
- production data
Features
• Medium-speed operation
tPD = 30 ns (typ.) at 10 V
• Standardized symmetrical output
characteristics
• Quiescent current specified up to 20 V
• 5 V, 10 V, and 15 V parametric ratings
• Input leakage current II = 100 nA (max.) at
VDD = 18 V and TA = 25 ° C
• 100 % tested for quiescent current
• ESD performance
–HBM: 1 kV
– MM: 200 V
–CDM: 1 kV
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The HCF4069U is a monolithic integrated circuit
fabricated in metal oxide semiconductor
technology available in the SO14 package. The
HCF4069U consists of six COS/MOS inverter
circuits. This device is intended for all general
purpose inverter applications where the medium
power TTL-drive and logic level conversion
capabilities of circuits such as HCF4049 hex
inverter/buffers are not required.
SO14
Table 1. Device summary table
Order code
Temperature range
Package
Packing
Marking
HCF4069UM013TR
-55 ° C to +125 ° C
SO14
Tape and reel
HCF4069U
HCF4069YUM013TR (1)
-40 ° C to +125 ° C
SO14
(automotive grade)(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q002 or equivalent.
HCF4069Y
www.st.com


Similar Part No. - HCF4069U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4069UB STMICROELECTRONICS-HCF4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UB STMICROELECTRONICS-HCF4069UB Datasheet
143Kb / 7P
HEX INVERTER
Sep-2001
HCF4069UBC1 STMICROELECTRONICS-HCF4069UBC1 Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UBEY STMICROELECTRONICS-HCF4069UBEY Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
HCF4069UBEY STMICROELECTRONICS-HCF4069UBEY Datasheet
143Kb / 7P
HEX INVERTER
Sep-2001
More results

Similar Description - HCF4069U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECSSM23A10M ETC2-ECSSM23A10M Datasheet
64Kb / 2P
Timers Symmetrical Recycler
logo
NXP Semiconductors
HEF40175B NXP-HEF40175B_10 Datasheet
139Kb / 15P
Quad D-type flip-flop Standardized symmetrical output characteristics
Rev. 6-14 December 2010
HEF4013BT-Q100J PHILIPS-HEF4013BT-Q100J Datasheet
129Kb / 16P
Standardized symmetrical output characteristics
Rev. 2-20 February 2013
logo
Unisonic Technologies
U74AHC1G79G-AE5-R UTC-U74AHC1G79G-AE5-R Datasheet
196Kb / 5P
Symmetrical output impedance
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
SYMMETRICAL OUTPUT IMPEDANCE
Feb-2003
logo
Cherry Semiconductor Co...
JM-0800 CHERRY-JM-0800 Datasheet
127Kb / 2P
Symmetrical design
logo
PHOENIX CONTACT
2702497 PHOENIX-2702497 Datasheet
101Kb / 5P
The output values are depicted in standardized representation format.
logo
Schneider Electric
SSLM1A13BD SCHNEIDER-SSLM1A13BD Datasheet
189Kb / 2P
Symmetrical DIN rail
SSLM1D23BD SCHNEIDER-SSLM1D23BD Datasheet
186Kb / 2P
Symmetrical DIN rail
SSLM1ND101BD SCHNEIDER-SSLM1ND101BD Datasheet
184Kb / 2P
Symmetrical DIN rail
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com