Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4069U Datasheet(PDF) 10 Page - STMicroelectronics

Part # HCF4069U
Description  Standardized symmetrical output characteristics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4069U Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HCF4069U Datasheet HTML 3Page - STMicroelectronics HCF4069U Datasheet HTML 4Page - STMicroelectronics HCF4069U Datasheet HTML 5Page - STMicroelectronics HCF4069U Datasheet HTML 6Page - STMicroelectronics HCF4069U Datasheet HTML 7Page - STMicroelectronics HCF4069U Datasheet HTML 8Page - STMicroelectronics HCF4069U Datasheet HTML 9Page - STMicroelectronics HCF4069U Datasheet HTML 10Page - STMicroelectronics HCF4069U Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
HCF4069U
10/11
DocID2060 Rev 6
5
Ordering information
6
Revision history
Table 9. Order codes
Order code
Temp. range
Package
Packing
Marking
HCF4069UM013TR
-55 ° C to +125 ° C
SO14
Tape and
reel
HCF4069U
HCF4069YUM013TR (1)
-40 ° C to +125 ° C
SO14
(automotive grade)(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q002 or equivalent.
HCF4069Y
Table 10. Document revision history
Date
Revision
Changes
18-Feb-2013
4
Document template and layout updated
Removed “B” from part number.
Updated package names (PDIP-14 and SO14 instead of DIP-14 and
SOP-14).
Added Applications.
Added Device summary table.
Added Section 5: Ordering information.
22-Mar-2013
5
Updated Table 1: Device summary table and Table 9: Order codes.
10-Jan-2014
6
Removed PDIP-14 package
Added ESD data to Features
Table 1: Device summary table: updated footnote 1.
Table 9: Order codes: updated footnote 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com