Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL1 Datasheet(PDF) 1 Page - LUMEL S.A.

Part # RPL1
Description  POWER CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

RPL1 Datasheet(HTML) 1 Page - LUMEL S.A.

  RPL1 Datasheet HTML 1Page - LUMEL S.A. RPL1 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Export department:
Tel: +48 68 45 75 139/
276/ 305/ 386
Fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 1
65-127 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
GALVANIC
ISOLATION
:
Phase
control
O
ON/OFF
control
OUTPUT:
125 A
2x
Sup.
FEATURES:
O������
Output type
Quantity
Range
Remarks
Voltage (Master/Slave)
1
6 ...12 V
non stabilized
Relay
2
NO
60 mA/350 V, Ron = 35 , Uizol =1500 VRMS
RPL1 POWER CONTROLLER
Impulse
control
INPUT:
0..10 V
0..20 mA
I�����
Input type
Quantity
Range
Remarks
Synchronization input
230 V a.c. – version RPL1-xx1xx,
400 V a.c. – version RPL1-xx2xx,
500 V a.c. – version RPL1-xx3xx
-
Control voltage input
1
0...5 V
0...10 V
Rin = 20 k 
Rin = 40 k 
Control current input
1
0(4)...20 mA
Rin = 125 
Control pulse input
1
0/4...32 V
Rin = 20 k 
STOP signal input
1
4...8 V
Rin = 1 k 
• For power control of resistive and resistive-inductive
load(transformerconnectedtoresistiveloadortorectifier
circuit).
• Control mode: on/off (similar to solid state relay),
pulse, phase.
• Amplification of input control signal (SPAN).
• Limitation of load current.
• Overload protection.
• Signalization of exceeding the maximum temperature
of radiator.
• Control of 3-phase load (requires two RPL1 controller
units).
E������ �� �����������
Soft
Start
ILIM
RE72
RPL1
E��������� ���������� �� ����� �������
No. Max. output
current
Load supply voltage
Max. load
Lose power in thyristor
1
25 A
230 V / 50 Hz
400 V / 50 Hz
500 V / 50 Hz
5.7 kW
10.0 kW
12.5 kW
< 40 W
2
40 A
230 V / 50 Hz
400 V / 50 Hz
500 V / 50 Hz
9.2 kW
16.0 kW
20.0 kW
< 65 W
3
70 A
230 V / 50 Hz
400 V / 50 Hz
500 V / 50 Hz
16.0 kW
28.0 kW
35.0 kW
< 120 W
4
125 A
230 V / 50 Hz
400 V / 50 Hz
500 V / 50 Hz
28.0 kW
50.0 kW
62.0 kW
< 215 W
• Leakage current in the thyristor circuit: < 20 mA
• Load type:
resistive or resistive-inductive (0.2<cos<1),
compatible with the category of operational use AC-51 acc. to EN 60947-4-3


Similar Part No. - RPL1

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
RPL12/24M-200L-340 TYCONSYSTEMS-RPL12/24M-200L-340 Datasheet
342Kb / 3P
Outdoor Remote Power Systems
RPL12M-100L-85 TYCONSYSTEMS-RPL12M-100L-85 Datasheet
248Kb / 2P
Outdoor Remote Power Systems
RPL12M-200L-340 TYCONSYSTEMS-RPL12M-200L-340 Datasheet
342Kb / 3P
Outdoor Remote Power Systems
logo
Adam Technologies, Inc.
RPL1AP12 ADAM-TECH-RPL1AP12 Datasheet
180Kb / 3P
RELAY POWER RELAY LARGE SIZE-TYPE RPL
RPL1AP24 ADAM-TECH-RPL1AP24 Datasheet
180Kb / 3P
RELAY POWER RELAY LARGE SIZE-TYPE RPL
More results

Similar Description - RPL1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
logo
Infineon Technologies A...
BTS5682E INFINEON-BTS5682E Datasheet
939Kb / 46P
SPI Power Controller
Rev. 1.0, Jan. 2008
logo
Active-Semi, Inc
PAC5210 ACTIVE-SEMI-PAC5210 Datasheet
1,002Kb / 69P
Power Application Controller
Rev 1.0-February 28, 2014
logo
Infineon Technologies A...
BTS54220-LBF INFINEON-BTS54220-LBF_15 Datasheet
2Mb / 70P
SPI Power Controller
Rev. 2.1, 2014-12-05
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
Power Factor Controller
March, 2015 ??Rev. 13
logo
Active-Semi, Inc
PAC5255 ACTIVE-SEMI-PAC5255_18 Datasheet
817Kb / 74P
Power Application Controller
Rev 1.10-March 3, 2018
PAC5253 ACTIVE-SEMI-PAC5253_18 Datasheet
823Kb / 69P
Power Application Controller
Rev 1.24-March 3, 2018
PAC5223 ACTIVE-SEMI-PAC5223_17 Datasheet
931Kb / 70P
Power Application Controller
Rev 1.17-September 20, 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com