Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL1 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # RPL1
Description  POWER CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

RPL1 Datasheet(HTML) 2 Page - LUMEL S.A.

  RPL1 Datasheet HTML 1Page - LUMEL S.A. RPL1 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEE ALSO:
Export department:
Tel: +48 68 45 75 139/
276/ 305/ 386
Fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 1
65-127 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Controllersof
RE72andRE82type.
E������� ��������
Overall dimensions
135 x 201 x 199 mm
135 x 231 x 199 mm - ver. RPL1-x4xx (version with a fan)
Weight
4.5 kg
5.0 kg – ver. RPL1-x4xx (version with a fan)
S����� ��� ������������� ������������
Electromagnetic compatibility
noise immunity
acc. to EN 60947-4-3
noise emissions
Pollution level
2
Installation category
III
Protection grade from terminal side
IP10 acc. to EN 60529
Protection grade from casing side
IP20 acc. to EN 60529
Noise immunity
EN 60947-4-3
Maximal phase-to-earth voltage
320 V for power circuits and supply,
50 V for other circuits
R���� ��������� ����������
Supply voltagea N-L1
195 ... 230 ... 253 V a.c.
Supply voltage frequency
50 Hz
Power consumption
 4.5 VA
Temperature: ambient
0 ... 40°C
Temperature: storage
-25…55
Humidity
< 90 % , without condensation
Operating position
vertical
C��������� ��������
O�������
Ordering example:
The code: RPL1 - 1 - 1 - 2 - 00 - E - 0 means:
RP1 - power controller of RPL1 type
1 - phase control
1 - output current maximal 25 A
2 - supply voltage - 340...400...440 V a.c.
00 - standard version
E - English
0 - without additional quality inspection
requirements.
Temperature sensor.
RPL1-19
RPL1 - X X X XX X X
Control:
phase
1
pulse / on/off
2
Current range:
maximal output current 25 A
1
maximal output current 40 A
2
maximal output current 70 A
3
maximal output current 125 A*
4
Load voltage:
supply voltage
- 195...230...253 V a.c.
1
supply voltage
- 340...400...440 V a.c.
2
supply voltage
- 425...500...550 V a.c.
3
Version:
standard
00
custom-made**
XX
Language:
Polish
P
English
E
other**
X
Acceptance tests:
without additional quality inspection requirements
0
with an extra quality inspection certificate
1
other requirements**
X
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
b) load supply U
LOAD = 400 V,
supply U
UWB = 230 V.
a) load supply U
LOAD = 230 V,
supply U
UWB = 230 V.
* the version RPL1- x4xx has a fixed fan
** after agreeing with the manufacturer
RPL1 POWER CONTROLLER
Power controller RPL1 meets the requirements of the norm EN 60947-4-3.
Caution: In the case of phase control, the controller meets the requirements of electromagnetic compatibility in terms of noise
emissions, only when working near the transition of the supply voltage across zero.
3-phasepower
controller-RP3.
OUR OFFER
www.lumel.com.pl



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com