Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T22CT2AC75L000000 Datasheet(PDF) 3 Page - LUMEL S.A.

Part # T22CT2AC75L000000
Description  AC Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

T22CT2AC75L000000 Datasheet(HTML) 3 Page - LUMEL S.A.

  T22CT2AC75L000000 Datasheet HTML 1Page - LUMEL S.A. T22CT2AC75L000000 Datasheet HTML 2Page - LUMEL S.A. T22CT2AC75L000000 Datasheet HTML 3Page - LUMEL S.A. T22CT2AC75L000000 Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.lumel.com.pl
3
T22CT -ACTrAnsduCer
54
40
42.5
90
50
40.45
30.61
31.95
15.95
10.45
T22CT-2 rozmiar 90x40mm:
Bus bar: 30x10 mm
Round conductor: 31.5 mm
Transformer width: 90 mm
Transformer height: 115 mm
Transformer depth: 58 mm
dIMensIonAl drAwIng
TABle oF rAnges
Type
Primary current [A]
Current output
T22CT-1
70x30mm
(TRMS or average)
50
4...20 mA or 0...20 mA dC
100
150
200
250
300
T22CT-2
90x40mm
(TRMS or average)
150
4...20 mA or 0...20 mA dC
200
250
300
400
500
600
750



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com