Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T22CT2AC75L000000 Datasheet(PDF) 4 Page - LUMEL S.A.

Part # T22CT2AC75L000000
Description  AC Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

T22CT2AC75L000000 Datasheet(HTML) 4 Page - LUMEL S.A.

  T22CT2AC75L000000 Datasheet HTML 1Page - LUMEL S.A. T22CT2AC75L000000 Datasheet HTML 2Page - LUMEL S.A. T22CT2AC75L000000 Datasheet HTML 3Page - LUMEL S.A. T22CT2AC75L000000 Datasheet HTML 4Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.lumel.com.pl
4
orderIng
Order example:
The code T22CT 2AG75L000000 means the transducer 90x40mm AVg, primary current 400A
with analog output 4-20mA and supply 24V.
Transducer T22CT XX
X
XX
l
000000
Type:
90x40mm; AVg
2A
90x40mm; TrMs
2T
Primary current:
150A
C
200A
d
250A
e
300A
F
400A
g
500A
H
600A
I
750A
J
Analog output:
0...20 mA
65
4...20 mA
75
Supply:
24 V dC
l
Version:
standard
000000
T22CT -ACTrAnsduCer
On STOCk VERSIOnS
ordering code
description
T22CT-1AA75l000000 70x30mm; primary current 50A; AVg; analog output 4-20mA; supply 24V dC
T22CT-1AB75l000000 70x30mm; primary current 100A; AVg; analog output 4-20mA; supply 24V dC
T22CT-2AC75l000000 90x40mm; primary current 150A; AVg; analog output 4-20mA; supply 24V dC
T22CT-2Ad75l000000 90x40mm; primary current 200A; AVg; analog output 4-20mA; supply 24V dC
T22CT-2Ae75l000000 90x40mm; primary current 250A; AVg; analog output 4-20mA; supply 24V dC
T22CT-2Ag75l000000 90x40mm; primary current 400A; AVg; analog output4-20mA; supply 24V dC
T22CT-2AI75l000000
90x40mm; primary current 600A; AVg; analog output 4-20mA; supply 24V dC
Ordering code for dimensions 70x30mm
Transducer T22CT XX
X
XX
l
000000
Type:
70x30mm; AVg
1A
70x30mm; TrMs
1T
Primary current:
50A
A
100A
B
150A
C
200A
d
250A
e
300A
F
Analog output:
0...20 mA
65
4...20 mA
75
Supply:
24 V dC
l
Version:
standard
000000
Order example:
The code T22CT 1AB75L000000 means the transducer 70x30mm AVg, primary current 100A
with analog output 4-20mA and supply 24V.
Ordering code for dimensions 90x40mm
T22CT-19_en
Export department:
tel.: (+48 68) 45 75 130, 45 75 132
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. słubicka 4, 65-127 Zielona góra, PolAnd
tel.: +48 68 45 75 100
www.lumel.com.pl
ADDITIOnAL ACCESSORIES:
ACCESSORIES
DESCRIPTIOn
VIEw
ORDERInG CODE
DIn rail
mounting kit
LH000-0904-130-128



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com