Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW03B Datasheet(PDF) 5 Page - SHENZHEN ASCHIP TECH CO., LTD.

Part # SW03B
Description  Human body thermal release infrared sensing controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASCHIP [SHENZHEN ASCHIP TECH CO., LTD.]
Direct Link  https://www.aschip.com
Logo ASCHIP - SHENZHEN ASCHIP TECH CO., LTD.

SW03B Datasheet(HTML) 5 Page - SHENZHEN ASCHIP TECH CO., LTD.

  SW03B Datasheet HTML 1Page - SHENZHEN ASCHIP TECH CO., LTD. SW03B Datasheet HTML 2Page - SHENZHEN ASCHIP TECH CO., LTD. SW03B Datasheet HTML 3Page - SHENZHEN ASCHIP TECH CO., LTD. SW03B Datasheet HTML 4Page - SHENZHEN ASCHIP TECH CO., LTD. SW03B Datasheet HTML 5Page - SHENZHEN ASCHIP TECH CO., LTD. SW03B Datasheet HTML 6Page - SHENZHEN ASCHIP TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PIR 控制器
SW03B-V1
人体热释红外线感应控制 IC
5/6
Version1.02
参考应用电路
参考电 路(一 )
参考电 路(二 )
(以上电路以及参数仅供参考,实际应用中可根据需要进行调整)
100nF/0603
C3
100nF
C5
2V5
2V5
OUT
2
3
IN
U2
AS7125/SOT23
PIR
100nF
C6
R6
51K
G
1
S
2
D
3
RE1
PIR
PIR
2V5
CDS
R10
4.7K
LED-
BAT
R1
1M
R2
1M
R8
1M
CDS
BAT
BAT
R12
R030/1206
BT1
3.7V
D1
SS14(5819)
BAT
2
1
J1
太阳能板
S+
C4
22uF/6V
LED+
PIR_OUT
1
VDD
2
PIR
3
CDS
4
BAT
Charge
6
PIR_OUT
7
TS
8
GND
5
U1
SW03B
100nF
C7
100nF
C1
Q1
P2301
Q2
NPN8050
R5
100K
R4
4.7K
Charg
Charg
R3
51K
2V5
R9
0R
R7
1M
R11
100K
C2
22uF/10V
1
Q3
BLM3400
S1
SW1
100nF/0603
C3
100nF
C5
2V5
2V5
OUT
2
3
IN
U2
AS7125/SOT23
PIR
100nF
C6
R6
51K
G
1
S
2
D
3
RE1
PIR
PIR
2V5
CDS
R10
4.7K
LED-
BAT
R1
1M
R2
1M
R8
1M
CDS
BAT
BAT
R12
R030/1206
BT1
3.7V
D1
SS14(5819)
BAT
2
1
J1
太阳能板
S+
C4
22uF/6V
LED+
PIR_OUT
1
VDD
2
PIR
3
CDS
4
BAT
Charge
6
PIR_OUT
7
TS
8
GND
5
U1
SW03B
100nF
C7
100nF
C1
Q1
P2301
Q2
NPN8050
R5
100K
R4
4.7K
Charg
Charg
R3
51K
2V5
R9
0R
R7
1M
R11
100K
C2
22uF/10V
1
Q3
BLM3400
S1
SW1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com