Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KC2463 Datasheet(PDF) 4 Page - KCSEMITECH CO., Ltd

Part # KC2463
Description  Servo control IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KCS [KCSEMITECH CO., Ltd]
Direct Link  https://www.kcsemitech.com
Logo KCS - KCSEMITECH CO., Ltd

KC2463 Datasheet(HTML) 4 Page - KCSEMITECH CO., Ltd

  KC2463 Datasheet HTML 1Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 2Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 3Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 4Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 5Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 6Page - KCSEMITECH CO., Ltd KC2463 Datasheet HTML 7Page - KCSEMITECH CO., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
深 圳 宽 诚 集 成 电 路 技 术 有 限 公 司
KC2463 产品说明书
Tel:0755-29580531
Fax:0755-33902231
Website:www.kcsemitech.com
4
Vreg
基准电压
空载
2.35
2.5
2.65
mA
dVreg
基准电压电源调节特性
VCC=3.5 to 6.5V
-
0.25
-
%/V
Iref
参考电流
RT=18KΩ,pin5电流值
90
100
110
uA
Vih
输入高电平
Pin4
2.0
-
VCC
V
WL
标准内部脉冲宽度
RT=18KΩ,CL=0.1uF
1.4
1.5
1.6
ms
dWL
内部脉冲宽度随电源电
压的变化率
VCC=2.5 to 7.5V
-
-
15
us/V
Wdb1
最小死区宽度
CFP=0.01uF
Not connect CBD
-
-
1.0
us
Wdb2
标准驱动死区宽度
Not connect CFP和CDB
-
2.5
6.0
us
AST
展宽增益
RT=18KΩ
RST=120KΩ
CST=0.1uF
-
100
-
times
WKP
固定驱动脉宽
CFP=0.01uF
Not connect CDB
0.7
1.0
1.3
ms
WCP
标准驱动脉宽
Not connect CFP and
CDB
0.3
0.5
0.8
ms
Wout
输出脉冲宽度
CST=0.1uF
RST=120KΩ
Error pulse width
100us
8.0
10.0
12.0
ms
Vosat
输出饱和压降
Isink=20mA
-
0.2
0.4
V
典型特性曲线 (除非其它说明,Ta=25℃)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com