Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LCRE4U1/XXX Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7LCRE4U1/XXX
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRE4U1/XXX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7LCRE4U1/XXX Datasheet HTML 6Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 7Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 8Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 9Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 10Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 11Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 12Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 13Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ST7LCR
10/29
3
ST7LCR implementation
ST7LCRE4U1 and ST7LCRDIE6 offer single IC solutions and simplifies the integration of
smartcard interfaces into smartcard readers.
3.1
Functionality
A dedicated analog block provides the power supplies 1.8 V and 3 V necessary to interface
with different smartcard voltages available on the market. Voltages are selected by software.
A dedicated UART interface provides an IS07816 communication port for connection with
the smartcard connector. A full-speed USB interface port allows external connection to a
host computer.
3.2
Smartcard interface features
The ST7LCRE4U1 and ST7LCRDIE6 include the following features:
●
Compatibility with asynchronous cards
●
Compatibility with T=0 and T=1 protocols
●
Compatibility with EMV and PC/SC modes.
●
Compliance with ISO 7816-3 and 4 and ability to supply the cards with 1.8 V or 3 V
(class A, B or C cards, respectively)
●
Resume/wake-up mode upon smartcard insertion/removal
The reader is able to communicate with smartcards up to the maximum baud rate allowed,
namely 344 086 bps (TA1=16) for a clock frequency of 4 MHz. Because the size of the
smartcard buffer is 261 bytes, care must be taken not to exceed this size during APDU
exchanges when the protocol in use is T=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com