Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LCRE4U1/XXX Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST7LCRE4U1/XXX
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRE4U1/XXX Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST7LCRE4U1/XXX Datasheet HTML 21Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 22Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 23Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 24Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 25Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 26Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 27Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 28Page - STMicroelectronics ST7LCRE4U1/XXX Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
ST7LCR
28/29
7
Revision history
Table 25.
Document revision history
Date
Revision
Changes
26-Aug-06
0.1
Initial release
26-Mar-07
0.2
QFN24 package added
Option List added
External clock source frequency modified (to maximum value),
Section 4.2
Die sales type added to Table
Note added to Table 2 (NC pins must be connected to ground)
23-Oct-2007
1
Document reformatted.
Replaced ST7LCR by ST7LCRE4U1and ST7LCRDIE6.
ECOPACK text added.
Changed “selectable card VCC” into “fixed card VCC”. 5 V removed in
Section : Features, Section 3: ST7LCR implementation and
Table 16: Smartcard supply supervisor electrical characteristics.
Changed QFN24 into VFQFPN24. Added Figure 8: Recommended
reflow oven profile (MID JEDEC).
CRDC4 and CRDC8 renamed C4 and C8 respectively in Figure 1:
ST7LCR block diagram.
Removed LED functional block and LEDO pin from Figure 1:
ST7LCR block diagram. LEDO pin left unconnected in Figure 2: 24-
lead VFQFPN package pinout and Table 2: Pin description, and
Figure 3: Smartcard interface reference application - VFQFPN24 pin
block diagram. Removed mention of external LEDS in Section 3.1:
Functionality.
SLEF and DIODE pins removed from Figure 1: ST7LCR block
diagram, and left unconnected in Figure 2: 24-lead VFQFPN
package pinout,Table 2: Pin description, and Figure 3: Smartcard
interface reference application - VFQFPN24 pin block diagram.
Removed LED pin characteristics table.
Added Figure 8: Recommended reflow oven profile (MID JEDEC).
Updated Figure 9: ST7LCR option list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com