Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSC3003 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMSC3003
Description  3.5mm Female Thru Calibration Kit Component for General Purpose Up to 8.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSC3003 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSC3003 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSC3003 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSC3003 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMSC3003 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMSC3003 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.0 Page 1 of 5
Copyright © 2014
The new FMSC3003 from Fairview Microwave is designed to withstand daily use in
high-traffic environments such as in the testing lab or on the production floor. This
cost effective calibration kit component provides reliable and accurate instrument
tuning for all of your test and measurement requirements. Fairview Microwave
carries a broad selection of off-the-shelf calibration kits and T&M components all
of which ship the same day you order them.
Configuration
Connector
3.5mm Female
Component Type
Thru
Impedance
50 Ohms
Frequency Range
DC to 8.5 GHz
Description
Minimum
Typical
Maximum
Units
Frequency Range
MHz
Impedance
Ohm
Insertion Loss, DC - 8500 MHz
0.05
0.2
dB
Return Loss, DC - 8500 MHz
30
35
dB
Item
Units
Housing
Connector
Connector Screw Thread
Inch
Dimensions
Inch [mm]
Net Weight
g
Description
Electrical Specifications
DC - 8500
50
Mechanical Specifications
Phosphor Bronze
50 Ohm 3.5mm Female (Both Ends)
1/4"-36 UNS
0.355 [9] ø, 0.662 [16.8] L
2.4
3.5mm Female Thru Calibration Kit Component for
General Purpose Up to 8.5 GHz
FMSC3003
DATA SHEET
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Functional from DC to 8.5 GHz
• See FMCK1001 for full
standard kit which includes
(8) 3.5mm short-open-load-
thru (SOLT) components
• Suitable for many 50 Ohm
network analyzers including,
but not limited to:
• Agilent / HP (8711/8712,
8713/8714, 8753,
E5061A, E5062A, E5061B,
E5071C, E5072A)
• Anritsu / Advantest (MS2028S,
MS2026S, MS2025S, MS2024S,
MS2038C, MS2036C,
MS2035B, MS2034B,
MS4640B, R3755A, R3760)
• Copper Mountain (5048,
804, 304, 818, 814)
• Deviser (NA7300A, NA7100A)
• EI41(AV3656A)
• OuFu (OF7631A, OF7633A)
• PNA (PNA3766, PNA3767)
• Rohde & Schwarz
(ZVL, ZVC, ZVB)
• Tianda (TD3616C, TD3617E,
TD3618C, TD3619C)
Applications:
• VNA, Full 2-Port CAL
• VNA, Thru CAL
• VNA, Substitution CAL Method
• Test & Measurement
• Lab Equipment Accessories
• Engineering Test and Evaluation
• General Purpose Test
and Evaluation


Similar Part No. - FMSC3003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSC3000 FAIRVIEW-FMSC3000 Datasheet
718Kb / 5P
3.5mm Thru Calibration Kit Component for General Purpose Up to 26.5 GHz
REV 1.0
FMSC3005 FAIRVIEW-FMSC3005 Datasheet
722Kb / 5P
75 Ohm F Thru Calibration Kit Component for General Purpose Up to 3 GHz
REV 1.0
More results

Similar Description - FMSC3003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5SC1002 PASTERNACK-PE5SC1002 Datasheet
419Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC1003 PASTERNACK-PE5SC1003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Short Circuit Operating From DC to 8.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC2003 PASTERNACK-PE5SC2003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC3000 PASTERNACK-PE5SC3000 Datasheet
581Kb / 6P
3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3004 PASTERNACK-PE5SC3004 Datasheet
578Kb / 6P
3.5mm Male General Purpose Calibration Kit Component Thru Operating From DC to 8.5 GHz
PE5TR1002 PASTERNACK-PE5TR1002 Datasheet
478Kb / 5P
3.5mm Female General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
PE5TR1003 PASTERNACK-PE5TR1003 Datasheet
512Kb / 5P
3.5mm Male General Purpose Calibration Kit Component Load Operating From DC to 8.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com