Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST610/12BC Datasheet(PDF) 1 Page - Pro-Power

Part # ST610/12BC
Description  Ladder Ties
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

ST610/12BC Datasheet(HTML) 1 Page - Pro-Power

  ST610/12BC Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Farnell InOne CD Catalogue
Version 2006
Page 1 / 2
Ladder Ties
Stainless steel 316 cable ties, supplied either coated or uncoated. The coated cable ties have an electrostatically applied black epoxy
finish, making them extremely resistant to corrosion. The construction of these ties gives them greater flexibility than the standard
type.
• Self-locking for easy application
• Supplied in packs of 100
Operating
temperature
Operating
temperature
Length
100
200
225
300
360
450
610
750
150
225
300
360
450
610
750
Width
7
7
7
7
7
7
7
7
12
12
12
12
12
12
12
-80°C to +538°C Uncoated
-80°C to +150°C Coated
Min. Tensile
Strength (kg)
44.5
44.5
44.5
44.5
44.5
44.5
44.5
44.5
113.6
113.6
113.6
113.6
113.6
113.6
113.6
Max.
Bundle Dia.
50
60
80
105
115
150
200
60
80
105
115
150
200
Uncoated
Order Code
981-3675
981-3683
981-3691
981-3705
981-3713
981-3721
981-3730
981-3748
981-3756
981-3764
981-3772
981-3780
981-3799
981-3802
981-3810
Coated
Order Code
981-3829
981-3837
981-3845
981-3853
981-3861
981-3870
981-3888
981-3896
981-3900
981-3918
981-3926
981-3934
981-3942
981-3950
981-3969
100 Per Pack
Length
(mm)
Uncoated
100
200
225
300
360
Width
(mm)
7
7
7
7
7
Max. Dia.
(mm)
50
60
80
105
Order
Code
g
981-3675
g
981-3683
g
981-3691
g
981-3705
g
981-3713
Price Per Pack
1+
9.45
14.69
17.69
21.03
23 05
3+
8.20
12.49
16.95
20.35
21 82
Farnell InOne CD Catalogue
Version 2006
Page 1 / 2


Similar Part No. - ST610/12BC

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
ST615 KODENSHI-ST615 Datasheet
195Kb / 3P
Available to mount on the backside of board
logo
Infinite Electronics In...
ST6156A FAIRVIEW-ST6156A Datasheet
578Kb / 3P
ST6156A DATA SHEET RF Load 2 Watts to 4 GHz BNC Male VSWR1.2
REV 1.0A
logo
STMicroelectronics
ST619 STMICROELECTRONICS-ST619 Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
ST619LB STMICROELECTRONICS-ST619LB Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
More results

Similar Description - ST610/12BC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QS009-01-1002-G IRCTT-GUS-QS009-01-1002-G Datasheet
396Kb / 2P
R-2R Ladder Network
logo
Bi technologies
628L BITECH-628L_12 Datasheet
135Kb / 4P
R/2R Ladder
logo
List of Unclassifed Man...
481-0102 ETC2-481-0102 Datasheet
105Kb / 2P
Standard Ties
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
561-N3525 ETC2-561-N3525 Datasheet
107Kb / 2P
Beaded Ties
BT-12-01-NT ETC2-BT-12-01-NT Datasheet
112Kb / 1P
BEADED TIES
BT-4-10-RD ETC2-BT-4-10-RD Datasheet
112Kb / 1P
BEADED TIES
T30R-HS ETC2-T30R-HS Datasheet
701Kb / 2P
Military Spectification Ties
logo
PANDUIT CORP.
PRLWP30S-D30 PANDUIT-PRLWP30S-D30 Datasheet
96Kb / 2P
Ladder Style Releasable Wing Push Mount Ties ??Heat Stabilized Nylon 6.6
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com