Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-755-R Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # R-755-R
Description  Glass tube flowmeter with alarm contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

R-755-R Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  R-755-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. R-755-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. R-755-R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. R-755-R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R-700 Series
Glass tube flowmeter with alarm contact
OUTLINE
R-700 series is a glass tube area flowmeter with alarm contact(s).
In addition to local flow rate indication by the position of float, reed
switch alarm contact(s) are actuated at set flow rate.
R-700 is useful and effective for prevention of flow cut-off for cooling
water system efc.
STANDARD SPECFICATION
Available sizes :
a. General version R-7
□□
65,80 and 100mm
(With float guiding road)
b. Ribbed tapered tube version R-7
□□-R
10,15,20,25,40 and 50mm
c. Wide designed tapered tube version R-7
□□-E
25,40,50,65,80 and 100mm
(With float guiding road)
Measuring fluid :
Liquids and gases
Fluid pressure :
Meter
size
10
15
20
25
40
50
65
80
100
Max. uid press. MPa
R-7
-R
1.2
1
0.8
0.8
0.6
0.6
–
–
–
R-7
–
–
–
–
–
–
0.6
0.4
0.4
R-7
-E
–
–
–
0.8
0.6
0.6
0.6
0.4
0.4
Fluid temperature
:
Max.120°C (Allowable thermal shock:80°C)
NB.1) upto 80°C for NBR gasket version
2) up to 60°C for PVC body version
It is general data, and the maximum temperature may
change by terms of use and environment.
Indication accuracy : std. ±1.5% (F.S)*
*±2.5% (F.S) for resin float version
Range ability :
10 : 1
Paint color:
Munsell 7.5BG4/1.5 (except for the SUS body)
Material :
Tapered tube : Heat-resistant glass
Float
: Standard For liquids SUS304
For gases Aluminum
Option
SUS316, SUS316L, PVC
Packing
: Standard NBR
Option
FPM, other
Body :
SS400*, SCS13, SCS14
Option
PVC
*Only R-7
□□-E types are available.
Process connection :
Standard ;
JIS10K flange
Option
ANSI, JPI, other flange
Flow direction ;
Standard Bottom→Top (R-7
□1-□)
Option
Bottom→Top side (R-7
□-2-□)
Bottom side→Top side (R-7
□3-□)
Bottom rear→Top rear (R-7
□5-□)
No.of alarm point :
Meter
size
10
15
20
25
40
50
65
80
100
R-7
–
–
–
–
–
–
1
×Low
1
×Low
1
×Low
R-7
-E
–
–
–
1
×Low
1
×Low
1
×Low
1
×Low
1
×Low
1
×Low
Possible Alarm point
R-7
-R
1
×Low + 1×High
1
×Low + 1×High
1
×Low + 1×High
1
×Low + 1×High
1
×Low + 1×High
1
×Low + 1×High
–
–
–
Alarm Contact :
1) Reed Switch(R-75
□-□)
2) Optical Switch(R-76
□-□)
Refer to separate explanation for details
TG-F2373-E01
Jun 2024
Aug 2023
2nd edition
1st edition
K
K


Similar Part No. - R-755-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
R-7119 TEC-R-7119 Datasheet
149Kb / 3P
MEAS STATOR RTD
R-7123 TEC-R-7123 Datasheet
149Kb / 3P
MEAS STATOR RTD
R-7124 TEC-R-7124 Datasheet
149Kb / 3P
MEAS STATOR RTD
logo
Recom International Pow...
R-7212D RECOM-R-7212D Datasheet
90Kb / 5P
INNOLINE DC/DC-Converter
R-7212D RECOM-R-7212D Datasheet
102Kb / 5P
2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

Similar Description - R-755-R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Cooper Bussmann, Inc.
MDL-1-16-R COOPER-MDL-1-16-R Datasheet
267Kb / 2P
Glass Tube Fuses
logo
TT Electronics.
DS1111 TTELEC-DS1111 Datasheet
626Kb / 2P
Platon Glass Tube VA Flowmeter
DS1140 TTELEC-DS1140 Datasheet
481Kb / 2P
Platon Plastic Tube VA Flowmeter
DS1221 TTELEC-DS1221 Datasheet
623Kb / 3P
Platon Screwed Metal Tube VA Flowmeter
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Shanghai Leiditech Elec...
SPG67-141 LEIDITECH-SPG67-141 Datasheet
186Kb / 1P
Glass discharge tube
G3L LEIDITECH-G3L Datasheet
168Kb / 1P
Glass Discharge Tube
G3S LEIDITECH-G3S Datasheet
183Kb / 1P
Glass Discharge Tube
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com