Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-755-R Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # R-755-R
Description  Glass tube flowmeter with alarm contact
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

R-755-R Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  R-755-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. R-755-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. R-755-R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. R-755-R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R-700 Series Glass tube flowmeter with alarm contact
TG-F2373-E01
TOKYO KEISO CO., LTD.
3
DIMENSIONS
R-751, R-751-R
No.
1
2
3
4
5
6
7
8
9
Parts name
Tapered tube
Float
Body
Packing follower
Packing
Column
nut
Switch
Terminal Box
Material
Heat-resistant glass
SUS304, Aluminum, Others
SCS14, Others
SCS13, SUS304
NBR, FPM, Others
SUS304
SS400, SUS304
Assembly
ADC12
Front view
Meter size 10 to 40B
Meter size 40A to 100
No.
1
2
3
4
5
6
7
8
Parts name
Tapered tube
Float
Body
Packing
Column
nut
Switch
Terminal Box
Material
Heat-resistant glass
SUS304, Aluminum, Others
SGP/SS400, SCS13, SCS14 Others
NBR, FPM, Others
SUS304
SS400, SUS304
Assembly
ADC12
Meter
size
Dimension (mm)
L
W
B
25
40
50
65
80
100
320
370
370
370
400
400
Metal
Body
360
400
400
410
410
410
PVC
Body
102
120
144
160
180
200
Metal
Body
102
120
144
160
180
200
PVC
Body
94
103
114
122
129
139
Metal
Body
106
115
126
134
141
151
PVC
Body
6.5
8
12
13
17
20
Mass
(Approx.)
kg
Meter
size
Dimension (mm)
L
W
B
10
15
20
25
40B
40A
50
65
80
100
420
420
430
500
500
500
530
530
570
590
62
84
94
119
129
144
171
186
206
242
90
99
104
117
122
129
143
135
144
162
126
135
140
153
158
165
179
171
180
198
1 point alarm 2 point alarm
3.5
4.5
5.5
8.5
12
15
18
23
30
42
Mass
(Approx.)
kg
Top view
Front view
R-751-E
Top view
Metal Body
Meter size 80A, 100A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com