Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW1244ALAS Datasheet(PDF) 3 Page - CellWise Microelectronics

Part # CW1244ALAS
Description  Li-Ion/Polymer Battery Pack Protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1244ALAS Datasheet(HTML) 3 Page - CellWise Microelectronics

  CW1244ALAS Datasheet HTML 1Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 2Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 3Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 4Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 5Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 6Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 7Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 8Page - CellWise Microelectronics CW1244ALAS Datasheet HTML 9Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CW1244
© 2019-2020 Cellwise Microelectronics
3
产品选择指南
CW1244 X X X X
封装形式,S: SSOP16
参数类型,从 A 到 Z
电池类型,L:代表锂离子电池 F:代表磷酸铁锂电池
功能和版本信息,从 A 到 Z
产品目录
产品型号
过充阈值
[VOC]
过充延时
[tOC]
过充回复
[VOCR]
过放阈值
[VOD]
过放延时
[tOD]
过放解除
[VODR]
均衡开启电压
[VBAL]
CW1244ALAS
4.175V
1s
4.075V
2.800V
1s
3.000V
4.050V
CW1244ALBS
4.250V
1s
4.150V
2.700V
1s
3.000V
4.125V
CW1244ALDS
4.250V
1s
4.150V
2.800V
1s
3.000V
4.125V
CW1244AFAS
3.650V
1s
3.550V
2.300V
1s
2.700V
3.525V
产品型号
过流 1 阈值
[VEC1]
过流 2 阈值
[VEC2]
短路阈值
[VSHR]
充电过流阈值
[VCOC]
充电过流延时
[tCOC]
低压禁止充电
CW1244ALAS
0.050V
0.100V
0.200V
-0.020V
0.5s
支持
CW1244ALBS
0.050V
0.100V
0.200V
-0.020V
0.5s
支持
CW1244ALDS
0.050V
0.100V
0.200V
-0.020V
0.5s
支持
CW1244AFAS
0.050V
0.100V
0.200V
-0.020V
0.5s
支持



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com