Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW1244AFAS Datasheet(PDF) 12 Page - CellWise Microelectronics

Part # CW1244AFAS
Description  Li-Ion/Polymer Battery Pack Protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1244AFAS Datasheet(HTML) 12 Page - CellWise Microelectronics

Back Button CW1244AFAS Datasheet HTML 8Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 9Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 10Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 11Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 12Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 13Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 14Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 15Page - CellWise Microelectronics CW1244AFAS Datasheet HTML 16Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CW1244
12
© 2019-2020 Cellwise Microelectronics
放电状态检测功能
在充放电同口应用中,当过充或充电温度保护后,如果 CS 引脚在检流电阻上检测到有 VDCH 的压降
(5m
电阻对应最大 1A 放电电流),并持续放电状态检测延时(t
DCH),打开充电 MOS。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com