Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60FS Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 2N60FS
Description  2 Amps,600 Volts N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

2N60FS Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  2N60FS Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 4Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 5Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 6Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 7Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 8Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 9Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Version1.0-2015.2
www.perfectway.cn
Electrical
Characteristics (Tc=25℃,unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
600
-
-
V
Breakdown Temperature Coefficient
ΔBVDSS
/ΔTJ
Reference to 25℃,
ID=250uA
-
0.6
-
V/℃
Zero Gate Voltage Drain Current
IDSS
VDS=600V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current,Forward
IGSSF
VGS=30V,VDS=0V
-
-
1
μA
Gate-Body Leakage Current,Reverse
IGSSR
VGS=-30V,VDS=0V
-
-
-1
μA
On Characteristics
Gate-Source Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2
-
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=1A
-
2.2
2.5
Ω
Dynamic Characteristics
Input Capacitance
Ciss
VDS=50V,VGS=0V,
f=1.0MHZ
-
190
-
pF
Output Capacitance
Coss
-
13
-
pF
Reverse Transfer Capacitance
Crss
-
1.1
-
pF
Switching Characteristics
Turn-On Delay Time
td(on)
VDD=380V,ID=1A,
RG=50Ω
(Note4,5)
-
6
-
ns
Turn-On Rise Time
tr
-
3
-
ns
Turn-Off Delay Time
td(off)
-
65
-
ns
Turn-Off Fall Time
tf
-
11
-
ns
Total Gate Charge
Qg
VDS=480V,ID=2A,
VGS=10V, (Note4,5)
-
3.2
-
nC
Gate-Source Charge
Qgs
-
0.6
-
nC
Gate-Drain Charge
Qgd
-
1.2
-
nC
Drain-Source Body Diode Charcteristics and Maximum Ratings
Continuous Diode Forward
Current
IS
-
-
2
A
Pulsed Diode Forward Current
ISM
-
-
6
A
Diode Forward Voltage
VSD
IS=2A,VGS=0V
-
-
1.3
V
Reverse Recovery Time
trr
VGS=0V,IS=2A,
dIF/dt=100A/us, (Note4)
-
140
-
ns
Reverse Recovery Charge
Qrr
-
0.65
-
μC
Notes
1.
Repetitive Rating:pulse width limited by maximum junction temperature.
2.
VDD=50V,L=22.5mH,Rg=25Ω,IAS=2A ,starling TJ=25℃.
3.
ISD≤ID,dI/dt=200A/us,VDD≤BVDSS,starting TJ=25℃.
4.
Pulse width≤300us;duty cycle≤2%.
5.
Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com