Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60FS Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 2N60FS
Description  2 Amps,600 Volts N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

2N60FS Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  2N60FS Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 4Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 5Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 6Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 7Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 8Page - Chongqing Pingwei Enterprise co.,Ltd 2N60FS Datasheet HTML 9Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Version1.0-2015.2
www.perfectway.cn
2N60(F,B,H,G,D)S
2 Amps,600 Volts N-Channel Super Junction Power MOSFET
FEATURE
2A,600V,RDS(ON)MAX=2.2Ω@VGS=10V/1A
Low gate charge
Low Ciss
Fast switching
100% avalanche tested
Improved dv/dt capability
TO-220AB
ITO-220AB
TO-262
2N60S
2N60FS
2N60HS
TO-263
TO-252
TO-251
2N60BS
2N60GS
2N60DS
Absolute Maximum Ratings(TC=25℃,unless otherwise noted)
Parameter
Symbol
2N60(F,B,H,G,D)S
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
Continuous Drain Current
ID
2
A
Pulsed Drain Current(Note1)
IDM
6
Single Pulse Avalanche Energy (Note 2)
EAS
45
mJ
Avalanche Current(Note1)
IAR
1
A
Repetitive Avalanche Energy (Note1)
EAR
0.06
mJ
Reverse Diode dV/dt (Note 3)
dv/dt
15
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Maximum lead temperature for soldering purposes,
1/8"from case for 5 seconds
TL
260
℃
Mounting Torque
6-32 or M3 screw
10
lbf·in
1.1
N·m
Thermal
Characteristics
Parameter
Symbol
ITO-220
TO-220/TO-262/
TO-263
TO-251/TO-252
Units
Thermal resistance , Junction to Case
Rth(J-c)
7.8
5.4
5.4
℃/W
Thermal resistance , Channel to Case
Rth(ch-c)
7.8
5.4
5.4
℃/W
Thermal resistance , Channel to Ambient
Rth(ch-a)
80
62
62
℃/W
Maximum Power Dissipation
TC=25℃
PD
16
23
23
W


Similar Part No. - 2N60FS

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
2N60F SUNMATE-2N60F Datasheet
2Mb / 8P
N-CHANNEL POWER MOSFET
logo
Jinan Jing Heng Electro...
2N60F-TU JINGHENG-2N60F-TU Datasheet
164Kb / 7P
600V N Channel Power MOSFET -
2N60F-TU JINGHENG-2N60F-TU Datasheet
164Kb / 7P
600V N Channel Power MOSFET -
2N60F-TU JINGHENG-2N60F-TU Datasheet
164Kb / 7P
600V N Channel Power MOSFET -
More results

Similar Description - 2N60FS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60 UTC-2N60 Datasheet
142Kb / 8P
2 Amps, 600 Volts N-CHANNEL MOSFET
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
139Kb / 8P
0.5 Amps, 600 Volts N-CHANNEL MOSFET
4N60 UTC-4N60 Datasheet
152Kb / 8P
4 Amps, 600 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
2 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
10 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com