Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-T64G Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LB-T64G
Description  TOPLED® Black
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-T64G Datasheet(HTML) 5 Page - ams-OSRAM AG

  LB-T64G Datasheet HTML 1Page - ams-OSRAM AG LB-T64G Datasheet HTML 2Page - ams-OSRAM AG LB-T64G Datasheet HTML 3Page - ams-OSRAM AG LB-T64G Datasheet HTML 4Page - ams-OSRAM AG LB-T64G Datasheet HTML 5Page - ams-OSRAM AG LB-T64G Datasheet HTML 6Page - ams-OSRAM AG LB-T64G Datasheet HTML 7Page - ams-OSRAM AG LB-T64G Datasheet HTML 8Page - ams-OSRAM AG LB-T64G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LB T64G
5 Version 1.4 | 2020-07-15
Brightness Groups
Group
Partial Flux 1)
Partial Flux 1)
Luminous Intensity 6)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
E
v
E
v
I
v
AA
1120 lx
1400 lx
820 mcd
AB
1400 lx
1800 lx
1040 mcd
BA
1800 lx
2240 lx
1310 mcd
BB
2240 lx
2800 lx
1640 mcd
CA
2800 lx
3550 lx
2060 mcd
CB
3550 lx
4500 lx
2610 mcd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 20 mA
I
F = 20 mA
min.
max.
V
F
V
F
Z4
2.70 V
2.90 V
44
2.90 V
3.10 V
84
3.10 V
3.30 V
Wavelength Groups
● blue
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 20 mA
I
F = 20 mA
min.
max.
λ
dom
λ
dom
5
461 nm
465 nm
6
463 nm
467 nm
7
465 nm
470 nm
8
468 nm
473 nm
9
471 nm
477 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com