Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-T64G Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LB-T64G
Description  TOPLED® Black
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-T64G Datasheet(HTML) 1 Page - ams-OSRAM AG

  LB-T64G Datasheet HTML 1Page - ams-OSRAM AG LB-T64G Datasheet HTML 2Page - ams-OSRAM AG LB-T64G Datasheet HTML 3Page - ams-OSRAM AG LB-T64G Datasheet HTML 4Page - ams-OSRAM AG LB-T64G Datasheet HTML 5Page - ams-OSRAM AG LB-T64G Datasheet HTML 6Page - ams-OSRAM AG LB-T64G Datasheet HTML 7Page - ams-OSRAM AG LB-T64G Datasheet HTML 8Page - ams-OSRAM AG LB-T64G Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LB T64G
1 Version 1.4 | 2020-07-15
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LB T64G
TOPLED® Black
TOPLED Black is especially designed for variable
message signs (VMS) and price changers. The black
package offers premium contrast for display panels.
—
VMS
Features:
—
Package: black PLCC-2 package, colorless resin
—
Chip technology: UX:3
—
Typ. Radiation: 30°
—
Color: λ
dom = 469 nm (● blue)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LB-T64G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-T64G OSRAM-LB-T64G Datasheet
714Kb / 24P
black PLCC-2 package, colorless resin
More results

Similar Description - LB-T64G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTT64G OSRAM-LTT64G Datasheet
1Mb / 24P
TOPLED Black
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
TOPLED Black
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com