Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-T673 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LB-T673
Description  TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-T673 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LB-T673 Datasheet HTML 2Page - ams-OSRAM AG LB-T673 Datasheet HTML 3Page - ams-OSRAM AG LB-T673 Datasheet HTML 4Page - ams-OSRAM AG LB-T673 Datasheet HTML 5Page - ams-OSRAM AG LB-T673 Datasheet HTML 6Page - ams-OSRAM AG LB-T673 Datasheet HTML 7Page - ams-OSRAM AG LB-T673 Datasheet HTML 8Page - ams-OSRAM AG LB-T673 Datasheet HTML 9Page - ams-OSRAM AG LB-T673 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LB T673
DATASHEET
DATASHEET
6 | Version 1.8 | 2022-08-04
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 10 mA
I
F = 10 mA
I
F = 10 mA
min.
max.
typ.
I
v
I
v
Φ
V
L2
14.0 mcd
18.0 mcd
48.0 mlm
M1
18.0 mcd
22.4 mcd
60.6 mlm
M2
22.4 mcd
28.0 mcd
75.6 mlm
N1
28.0 mcd
35.5 mcd
95.3 mlm
N2
35.5 mcd
45.0 mcd
120.8 mlm
P1
45.0 mcd
56.0 mcd
151.5 mlm
P2
56.0 mcd
71.0 mcd
190.5 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 10 mA
I
F = 10 mA
min.
max.
V
F
V
F
Z4
2.70 V
2.90 V
46
2.90 V
3.20 V
A4
3.20 V
3.40 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 10 mA
I
F = 10 mA
min.
max.
λ
dom
λ
dom
2
461 nm
465 nm
3
465 nm
469 nm
4
469 nm
473 nm
5
473 nm
477 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com