Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-T673 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # LB-T673
Description  TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-T673 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button LB-T673 Datasheet HTML 8Page - ams-OSRAM AG LB-T673 Datasheet HTML 9Page - ams-OSRAM AG LB-T673 Datasheet HTML 10Page - ams-OSRAM AG LB-T673 Datasheet HTML 11Page - ams-OSRAM AG LB-T673 Datasheet HTML 12Page - ams-OSRAM AG LB-T673 Datasheet HTML 13Page - ams-OSRAM AG LB-T673 Datasheet HTML 14Page - ams-OSRAM AG LB-T673 Datasheet HTML 15Page - ams-OSRAM AG LB-T673 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LB T673
DATASHEET
DATASHEET
12 | Version 1.8 | 2022-08-04
Dimensional Drawing 9)
GPLY6724
0.7 (0.028)
0.9 (0.035)
1.7 (0.067)
2.1 (0.083)
0.12 (0.005)
0.18 (0.007)
0.4 (0.016)
0.6 (0.024)
2.6 (0.102)
3.0 (0.118)
2.1 (0.083)
2.3 (0.091)
Cathode marking
0.1 (0.004) (typ.)
A
C
Further Information:
Approximate Weight:
34.0 mg
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com