Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB-G6SP Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LCB-G6SP
Description  Advanced Power TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCB-G6SP Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LCB-G6SP Datasheet HTML 2Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 3Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 4Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 5Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 6Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 7Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 8Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 9Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LCB G6SP
6 Version 1.2 | 2020-06-29
Chromaticity Coordinate Groups 3)
OHA04401
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cx
E
480
460
470
Cy
4J
2L
4K
3J
2K
2J
4L
3L 3K
8J
7L
5K
6L
5L
6J
5J
7K
6K
7J
8L
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
8K
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
4J
0.1902
0.2595
0.1960
0.2588
0.1921
0.2431
0.1862
0.2437
4K
0.1814
0.2605
0.1902
0.2595
0.1862
0.2437
0.1775
0.2447
Group
Cx
Cy
4L
0.1756
0.2611
0.1814
0.2605
0.1775
0.2447
0.1716
0.2454
5J
0.1941
0.2753
0.2000
0.2746
0.1960
0.2588
0.1902
0.2595
Group
Cx
Cy
5K
0.1853
0.2762
0.1941
0.2753
0.1902
0.2595
0.1814
0.2605
5L
0.1795
0.2769
0.1853
0.2762
0.1814
0.2605
0.1756
0.2611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com