Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB-G6SP Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LCB-G6SP
Description  Advanced Power TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCB-G6SP Datasheet(HTML) 1 Page - ams-OSRAM AG

  LCB-G6SP Datasheet HTML 1Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 2Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 3Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 4Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 5Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 6Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 7Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 8Page - ams-OSRAM AG LCB-G6SP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LCB G6SP
1 Version 1.2 | 2020-06-29
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LCB G6SP
Advanced Power TOPLED®
Advanced Power TOPLED features a compact pack-
age with a wide brightness range and high luminous
efficiency.
—
Custom Tuning
—
Interior Illumination (e.g. Ambient Map)
Features:
—
Package: white SMT package, colored diffused silicone resin
—
Chip technology: ThinGaN
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.2, Cy = 0.3 acc. to CIE 1931 (● color on demand blue)
—
Optical efficacy: 46 lm/W
—
Corrosion Robustness Class: 3B
—
Qualifications: AEC-Q102 Qualified with RV-level 1
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LCB-G6SP

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCB-A6SG AMSOSRAM-LCB-A6SG Datasheet
1Mb / 24P
SIDELED®
Version 1.2 2020-06-01
logo
OSRAM GmbH
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
SMD ceramic package with silicone lens
logo
ams-OSRAM AG
LCB-CRBP AMSOSRAM-LCB-CRBP Datasheet
1Mb / 24P
OSLON® Signal
Version 1.10 2023-09-14
LCB-CRBP-01 AMSOSRAM-LCB-CRBP-01 Datasheet
2Mb / 24P
OSLON® Signal
Version 1.1 2023-02-01
LCB-M67C AMSOSRAM-LCB-M67C Datasheet
1Mb / 24P
Mini TOPLED®
Version 1.5 2022-08-04
More results

Similar Description - LCB-G6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
Advanced Power TOPLED
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
Advanced Power TOPLED
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_16 Datasheet
471Kb / 21P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_18 Datasheet
958Kb / 21P
Advanced Power TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com