Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC82010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC82010
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC82010 Datasheet(HTML) 1 Page - STMicroelectronics

  MSC82010 Datasheet HTML 1Page - STMicroelectronics MSC82010 Datasheet HTML 2Page - STMicroelectronics MSC82010 Datasheet HTML 3Page - STMicroelectronics MSC82010 Datasheet HTML 4Page - STMicroelectronics MSC82010 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 1992
GENERAL PURPOSE AMPLIFIER APPLICATIONS
RF & MICROWAVE TRANSISTORS
.250 2LFL (S010)
hermetically sealed
.
EMITTER BALLASTED
.
VSWR CAPABILITY
∞:1 @ RATED
CONDITIONS
.
HERMETIC STRIPAC® PACKAGE
.
POUT
= 10 W MIN. WITH 5.2 dB GAIN @
2.0 GHz
DESCRIPTION
The MSC82010 is a common base hermetically
sealed silicon NPN microwave transistor utilizing
a fishbone emitter ballasted geometry with a re-
fractory/gold metallization system. This device is
capable of withstanding an infinite load VSWR at
any phase angle under rated rated conditions. The
MSC82010 was designed for Class C amplifier
applications in the 1.0 - 2.0 GHz frequency range.
PIN CONNECTION
BRANDING
82010
ORDER CODE
MSC82010
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
35
W
IC
Device Current*
1.5
A
VCC
Collector-Supply Voltage*
35
V
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
5.0
°C/W
*Applies only to rated RF amplifier operation
MSC82010
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/5


Similar Part No. - MSC82010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC82001 STMICROELECTRONICS-MSC82001 Datasheet
93Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
logo
Advanced Semiconductor
MSC82003 ASI-MSC82003 Datasheet
60Kb / 2P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
MSC82005 STMICROELECTRONICS-MSC82005 Datasheet
84Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
logo
Advanced Semiconductor
MSC82005 ASI-MSC82005 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MSC82010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81005 STMICROELECTRONICS-MSC81005 Datasheet
99Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81020 STMICROELECTRONICS-MSC81020 Datasheet
89Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC83301 STMICROELECTRONICS-MSC83301 Datasheet
96Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
02-Sep-1994
logo
Advanced Power Technolo...
MS3302 ADPOW-MS3302 Datasheet
152Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com