Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330B41/Z Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # UFS330B41/Z
Description  ULTRASONIC FLOWMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330B41/Z Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  UFS330B41/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UL350 ULTRASONIC FLOWMETER
TOKYO KEISO CO., LTD.
3
TG-F2334-E00
Note 1 When the measuring pipes are sch.80 or more including stainless steel pipe, consult us in advance.
Note 2 “V”in the sensor installation column denotes V path, reflex mode and“Z”denotes Z path, diagonal mode.
Note 3 The sensor rail for support is used for the pipes made of resin with 40 mm or less.
Note 4 V path, reflex mode is generally used for the pipes with 400 mm or less. However, there are some cases where Z path,
diagonal mode is adequate depending on the pipe material or surface conditions of the pipe. If such situation is expected,
select the sensor rails with 2 pieces in advance.
Note 5 When the size of measuring pipes are unknown or especially expected to be more than 100 mm or more, select the long
sensor rail with 2 pieces as the short sensor rails may not work well.
Note 6 See the MODEL CODE for the sensor combination.
Table 1. Sensor selection table
Pipe material
Sensor type
Sensor
installation
Sensor rail
length
Code of sensor
combination
25A≦D≦40A
50A≦D≦150A
200A≦D≦300A
25A≦D≦150A
200A≦D≦400A
450A≦D≦1000A
25A≦D≦40A
50A≦D≦150A
200A≦D≦1000A
25A≦D≦40A
50A≦D≦150A
200A≦D≦300A
25A≦D≦40A
50A≦D≦150A
200A≦D≦400A
25A≦D≦40A
50A≦D≦150A
200A≦D≦400A
25A≦D≦150A
200A≦D≦1000A
320 × 1 pc
320 × 1 pc
1
320 × 1 pc
5
620 × 1 pc
4
320 × 1 pc
5
620 × 1 pc
4
B sensor
(1MHz)
Z
620 × 2 pc
4
A sensor
(2MHz)
5
5
Z
620 × 2 pc
4
A sensor
(2MHz)
5
5
Z
620 × 2 pc
4
A sensor
(2MHz)
320 × 1 pc
320 × 1 pc
1
320 × 1 pc
5
Z
620 × 2 pc
4
V
320 × 1 pc
1
320 × 2 pc
5
620 × 2 pc
4
PE
(Polyethylene)
lining
V
320 × 1 pc
5
Z
620 × 2 pc
4
Stainless steel
(thickness≦sch40)
A sensor
(2MHz)
V
Not provided
Not provided
SGP
B sensor
(1MHz)
V
320 × 1 pc
Not provided
PVC/Polyethylene
A sensor
(2MHz)
V
Not provided
B sensor
(1MHz)
V
Not provided
SGPW
(galvanize)
B sensor
(1MHz)
V
320 × 1 pc
Not provided
B sensor
(1MHz)
Not provided
PP
(thickness>
15mm)
/
PVDF
(thickness>
9mm)
B sensor
(1MHz)
Z
PP
(thickness≦
15mm)
/
PVDF
(thickness≦
9mm)
Nominal pipe size
(D)
Sensor rail
for support
320 × 1 pc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com