Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS330B41/Z Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # UFS330B41/Z
Description  ULTRASONIC FLOWMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

UFS330B41/Z Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  UFS330B41/Z Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. UFS330B41/Z Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UL350 ULTRASONIC FLOWMETER
TOKYO KEISO CO., LTD.
5
TG-F2334-E00
MODEL CODE
● Sensor
Sensor Model code
Description
A
B
1
4
5
1
2
3
4
5
6
(Blank)
/Z
UFS330
UFS350
A sensor (2 MHz)
(
✽)
B sensor (1 MHz)
(
✽)
Short sensor rail
× 2 pcs,Sensor rail for support × 1 pc(✽)
Long sensor rail
× 2 pcs(✽)
Short sensor rail
× 2 pcs(✽)
10 m (Standard)
20 m
30 m
40 m
50 m
60 m
NA
Provided
Sensor combination
Cable length
Additional functions
✽ Refer to Table 1. Sensor selection table.
● Converter
Converter Model code
Description
A
-
1
2
1
-
(Blank)
/Z
UFC350
100 to 230 V AC 50/60Hz
Wall mount type
2“ pipe mount type
Standard
NA
Provided
Power supply
Mounting
Serial output
Additional functions
A
POINTS TO BE CHECKED BEFORE MODEL
SELECTION
It may be unable to make measurement when falling into the follow-
ing conditions.
Contact us in advance. When it cannot be judged whether it is suit-
able, we are prepared to make preliminary test by the actual equip-
ment.
1) Liquid
● The liquid containing a lot of bubbles (over 2% only as a
guide).
● The liquid containing slurry and solid material (over 5Vol.% only
as a guide).
● The liquid of low Reynolds number (less than Re.10000 only as
a guide).
● Liquids other than water such as lean chemical solutions, oils,
waste waters and hot spring water.
● Liquids which attenuate Ultrasonic waves
(Typical example:acetic acid)
*This flowmeter cannot be used for High concentration acetic
acid aqueous solution (above 50%) .
2) Piping
● The inside wall of carbon steel pipe is rusty.
● Adhesion and sediment are in a pipe.
● The outside surface of cast iron pipe is coarse.
● SGPW pipe [The galvanized steel pipe for water service (white
gas pipe)]
● Lined pipe
● Steel pipe in more than ø500 mm
3) Straight runs
The accurate flow measurement requires straight runs both up-
stream and downstream of the flow sensor as shown at the next
page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com