Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3264AC Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP3264AC
Description  4–5 Cell Li-ion/Polymer Battery Protector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP3264AC Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP3264AC Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IP3264
V1.0
6 / 23
Copyright © 2023, Injoinic Corp.
CTLD 端子电压"L"
VCTLDL
-
1
1.5
2
V
VMC – VDD 电阻
RVMD
TA=25°C
0.6
1.2
1.8
MΩ
VMD – VSS 电阻
RVMS
TA=25°C
10
20
30
KΩ
CO – VDD 电阻
RCOD
TA=25°C
5
10
15
KΩ
DO – VDD 电阻
RDOD
TA=25°C
5
10
15
KΩ
DO – VSS 电阻
RDOS
TA=25°C
0.2
0.4
0.6
KΩ
放电状态检测电压
阈值
Vdis_status_th
VI
-
2.5
-
mV
放电状态检测迟滞
Vdis_status_hys
VI
-
1
-
mV
充电状态检测电压
阈值
Vchg_status_th
VI
-
-2.5
-
mV
充电状态检测迟滞
Vchg_status_hys
VI
-
1
-
mV
OTD,OTC,UTD,UTC
延时
tNTC_FAULT
-
1.5
3
5
s
断线检测延时
tOW_DELAYN
-
2.8
4
5.2
s
Note:工作静态电流不包含 NTC 检测电流,不包含工作时 CO 端通过 RCO 产生的功耗。典型值为 TA=25°C 条件下测试结果。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com