Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3264AC Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP3264AC
Description  4–5 Cell Li-ion/Polymer Battery Protector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP3264AC Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP3264AC Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP3264AC Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
IP3264
V1.0
1 / 23
Copyright © 2023, Injoinic Corp.
4~5 节锂离子/聚合物电池保护器
1 特性
各节电池的高精度电压检测:
 过充电检测电压
VOVN(N = 1~ 5):3.55V ~ 4.60V
进阶单位为
10mV,精度±25mV
 过充电解除电压
VOVRN(N = 1 ~ 5):3.30V ~ 4.60V
精度
±25mV
 过放电检测电压
VUVN(N= 1 ~ 5):2.00V ~ 3.20V
进阶单位为
10mV,精度±50mV
 过放电解除电压
VUVRN(N =1 ~ 5):2.00V ~ 3.40V
精度
±50mV
3 段放电过流检测功能且相互独立:
 放电过流
1 检测电压 VDOC1:0.020V ~ 0.300V
进阶单位为
5mV,精度±10mV
 放电过流
2 检测电压 VDOC2:0.04V ~ 0.60V
进阶单位为
10mV,精度为±20mV
 放电短路检测电压
VSC:0.06V ~ 1.20V
进阶单位为
20mV,精度为±40mV
充电过流检测功能:
 充电过流检测电压
VCOC:-0.020V ~ -0.300V
进阶单位为
5mV,精度±10mV
支持电池
NTC 过温和低温保护
独立充电(
CO)和放电(DO)FET 驱动
器且钳位
CO 和 DO 电压到 11V
支持负端分口应用
VDD 宽工作电压范围 3V ~ 30V
静态电流:
10µA(正常模式)
1µA(休眠模式)
断线检测(
OW)功能
高耐压绝对最大额定值
32V
耗尽电池
0V 允许充电
充放电状态检测
休眠功能可选
可通过
CTLD 外部控制放电管 DO
宽工作温度范围
−40°C ~ +85°C
封装:
SOP16
2 应用
锂离子可充电电池组
锂聚合物可充电电池组
电动工具,电动机器人,吸尘器,电动自行车
等
3 简介
IP3264 是一款低功耗电池组保护器,用于 4~5
节串联锂离子
/聚合物可充电电池的初级保护的解
决方案。该产品集成了聚合物可充电电池安全运行
所需的一整套的电压、电流和温度所有检测和保护。
保护阈值和延时均为出厂编程设定,有多种配置可
供选用。


Similar Part No. - IP3264AC

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP3265 INJOINIC-IP3265 Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AA INJOINIC-IP3265AA Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AB INJOINIC-IP3265AB Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AC INJOINIC-IP3265AC Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
IP3265AD INJOINIC-IP3265AD Datasheet
2Mb / 24P
4–5 Cell Li-ion/Polymer Battery Protector
V1.0
More results

Similar Description - IP3264AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
LI-ION BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
Li-Ion Battery Protector
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
Li-Ion/Polymer Battery for one-cell Protector
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
LI-ION/POLYMER TWO CELL PROTECTOR
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
LI-ION/POLYMER ONE CELL PROTECTOR
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com