Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3265AF Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP3265AF
Description  4–5 Cell Li-ion/Polymer Battery Protector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP3265AF Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP3265AF Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP3265AF Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
IP3265
V1.0
5 / 24
Copyright © 2023, Injoinic Corp.
8 电气特性
除特别说明,
TA=-40°C to 85°C,典型值在 TA=25°C 条件下测试,VDD = 17.5V
参数
符号
测试条件
范围
单位
最小值
典型值
最大值
输入范围
VDD 对 VSS 电压
0
-
30
V
VDD 对 VM 电压
0
-
30
V
静态电流
IQ(input power)
VDD=VC5=17.5,VC4=14V,
VC3=10.5V,VC2=7V,VC1=3.5V*NOTE
-
10
15
μA
关机电流(
power
down)
IQ(input power) Shutdown down(VDD=6V,TA=25°C)
-
1
1.5
μA
过充电保护电压阈
值
(N=1,2,3,4,5)
VOVN
TA=25°C
VOVN-0.025
3.55 ~ 4.60
STEP: 10mV
VOVN+0.025
V
TA=−20°C ~ +60°C
VOVN-0.030
VOVN+0.030
TA=−40°C ~ +85°C
VOVN-0.040
VOVN+0.040
过充电保护解除电
压阈值
(N=1,2,3,4,5)
VOVRN
TA=25°C
VOVRN-0.025
3.30 ~ 4.60
VOVRN+0.025
V
TA=−20°C ~ +60°C
VOVRN-0.030
VOVRN+0.030
TA=−40°C ~ +85°C
VOVRN-0.040
VOVRN+0.040
过放电保护电压阈
值
(N=1,2,3,4,5)
VUVN
TA=25°C
VUVN-0.050
2.00 ~ 3.20
STEP: 10mV
VUVN+0.050
V
TA=−20°C ~ +60°C
VUVN-0.055
VUVN+0.055
TA=−40°C ~ +85°C
VUVN-0.060
VUVN+0.060
过放电保护解除电
压阈值
(N=1,2,3,4,5)
VUVRN
TA=25°C
VUVN-0.050
2.00 ~ 3.40
VUVN+0.050
V
TA=−20°C ~ +60°C
VUVN-0.055
VUVN+0.055
TA=−40°C ~ +85°C
VUVN-0.060
VUVN+0.060
0V 电池充电充电器
电压
V0CHA
0V 允许充电
0.5
1.1
1.7
V
放电过流保护
1 电压
阈值
VDOC1
TA=25°C
VDOC1-10
20 ~ 300
STEP: 5mV
VDOC1+10
mV
TA=−20°C ~ +60°C
VDOC1-15
VDOC1+15
TA=−40°C ~ +85°C
VDOC1-20
VDOC1+20
放电过流保护
2 电压
阈值
VDOC2
TA=25°C
VDOC2-20
40 ~ 600
STEP: 10mV
VDOC2+20
mV
TA=−20°C ~ +60°C
VDOC2-30
VDOC2+30
TA=−40°C ~ +85°C
VDOC2-40
VDOC2+40
放电短路保护电压
阈值
VSC
TA=25°C
VSC-40
60 ~ 1200
STEP: 20mV
VSC+40
mV
放电过流保护解除
电压阈值
VDOCR
VMD threshold
1.1
1.2
1.3
V
充电过流保护电压
阈值
VCOC
TA=25°C
VCOC -10
-300 ~ -20
STEP: 5mV
VCOC +10
mV
TA=−20°C ~ +60°C
VCOC -15
VCOC +15
TA=−40°C ~ +85°C
VCOC -20
VCOC +20
过充电保护延时
tOV
-
800
1000
1200
ms
过放电保护延时
tUV
-
800
1000
1200
ms
放电过流保护
1 延时
tDOC1
-
700
1000
1300
ms
放电过流保护
2 延时
tDOC2
-
44.8
64
83.2
ms
放电短路保护延时
tSC
-
179.2
256
332.8
μs
充电过流保护延时
tCOC
-
44.8
64
83.2
ms
过流恢复延时
tOCR
-
89.6
128
166.4
ms
CTLD 端子电压"H"
VCTLDH
-
3
3.5
4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com