Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR400100CT Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MBR400100CT
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR400100CT Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MBR400100CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR400100CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBR400100CT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR400100CT
Schottky Barrier Rectifier
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VFM
Forward Voltage drop
IF= 200A, Tc= 25℃
0.83
V
IF= 200A, Tc= 125℃
0.69
IF= 400A, Tc= 25℃
0.97
IF= 400A, Tc= 125℃
0.82
IRRM
Instantaneous Reverse Current
Rated DC Voltage, Tc= 25℃
6
mA
Rated DC Voltage,TC= 125℃
80
mA
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com