Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR400100CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR400100CT
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR400100CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR400100CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR400100CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBR400100CT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR400100CT
Schottky Barrier Rectifier
www.iscsemi.com
1
FEATURES
· High Current Output
· Low Forward Voltage
· 175℃ Operating Junction Temperature
APPLICATIONS
· These devices are ideally suited for power converters,
motors drives and other applications where switching
losses are significant portion of the total losses.
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
100
V
IF(AV)
Average Forward Current, Per Device,TC=100℃
400
A
IFSM
Non-Repetitive Peak Surge Current,
Halfwave,single phase,60Hz
2500
A
dv/dt
Voltage Rate Of Change
Rated VR
1000
V/µs
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
Per Leg
0.45
℃
/W


Similar Part No. - MBR400100CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR400100CT MCC-MBR400100CT Datasheet
132Kb / 3P
400 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR400100CT TEL-MBR400100CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 400A
logo
Microsemi Corporation
MBR400100CT MICROSEMI-MBR400100CT Datasheet
122Kb / 2P
Schottky PowerMod
logo
America Semiconductor, ...
MBR400100CT AMERICASEMI-MBR400100CT Datasheet
599Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR400100CT GENESIC-MBR400100CT Datasheet
703Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - MBR400100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com